Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7540DP Datasheet (PDF) - Vishay Siliconix

SI7540DP Datasheet PDF - Vishay Siliconix
Part # SI7540DP_V01
Download  SI7540DP Download
File Size   366.51 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N- and P-Channel 12-V (D-S) MOSFET

SI7540DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SI7540DP Datasheet PDF - Vishay Siliconix

Part # SI7540DP_V01
Download  SI7540DP Click to download

File Size   366.51 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N- and P-Channel 12-V (D-S) MOSFET

SI7540DP Datasheet (HTML) - Vishay Siliconix


SI7540DP Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Available
• TrenchFET® Power MOSFETs
• New Low Thermal Resistance PowerPAK®
Package with Low 1.07 mm Profile
• PWM Optimized for High Efficiency
• 100 % Rg Tested
APPLICATIONS
• Point-of-Load Synchronous Rectifier
- 5 V or 3.3 V BUS Step Down
- Qg Optimized for 500 kHz Operation
• Synchronous Buck, Shoot-Thru Resistant




Similar Part No. - SI7540DP_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7540DP-T1-E3 VISHAY-SI7540DP-T1-E3 Datasheet
534Kb / 15P
N- and P-Channel 12-V (D-S) MOSFET
09-Feb-09
SI7540DP-T1-GE3 VISHAY-SI7540DP-T1-GE3 Datasheet
534Kb / 15P
N- and P-Channel 12-V (D-S) MOSFET
09-Feb-09
SI7540DP VISHAY-SI7540DP_09 Datasheet
534Kb / 15P
N- and P-Channel 12-V (D-S) MOSFET
09-Feb-09
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
N- and P-Channel 12-V (D-S) MOSFET
09-Feb-09
More results


Similar Description - SI7540DP_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP Datasheet
74Kb / 8P
N- and P-Channel 12-V (D-S) MOSFET
16-Dec-02
SIA511DJ VISHAY-SIA511DJ Datasheet
321Kb / 6P
N- and P-Channel 12-V (D-S) MOSFET
19-Nov-07
SMMA511DJ VISHAY-SMMA511DJ Datasheet
264Kb / 14P
N- and P-Channel 12 V (D-S) MOSFET
05-Oct-09
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
N- and P-Channel 12-V (D-S) MOSFET
09-Feb-09
logo
Vishay Telefunken
SI7540DP TFUNK-SI7540DP Datasheet
365Kb / 15P
N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIA527DJ VISHAY-SIA527DJ Datasheet
333Kb / 14P
N- and P-Channel 12-V (D-S) MOSFET
29-Jul-13
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
N- and P-Channel 12-V (D-S) MOSFET
29-Jul-13
SIA517DJ VISHAY-SIA517DJ_V01 Datasheet
326Kb / 14P
N- and P-Channel 12-V (D-S) MOSFET
04-Mar-13
logo
Shenzhen Tuofeng Semico...
SIA517 TUOFENG-SIA517 Datasheet
3Mb / 10P
N- and P-Channel 12-V (D-S) MOSFET
Feb,2018 V1.0
logo
DinTek Semiconductor Co...
DTQ2D106 DINTEK-DTQ2D106 Datasheet
1Mb / 9P
N- and P-Channel 12 V (D-S) MOSFET
REV 1.0
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com