Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9100 Datasheet (PDF) - Vishay Siliconix

SI9100 Datasheet PDF - Vishay Siliconix
Part # SI9100
Download  SI9100 Download
File Size   182.59 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3-W High-Voltage Switchmode Regulator

SI9100 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9100 Datasheet PDF - Vishay Siliconix

Part # SI9100
Download  SI9100 Click to download

File Size   182.59 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3-W High-Voltage Switchmode Regulator

SI9100 Datasheet (HTML) - Vishay Siliconix


SI9100 Product details

10- to 70-V Input Range
Current-Mode Control
On-Chip 150-V, 5- MOSFET Switch
Reference Selection
Si9100 − 1%
High Efficiency Operation (> 80%)
Internal Start-Up Circuit
Internal Oscillator (1 MHz)
SHUTDOWN and RESET

DESCRIPTION

The Si9100 high-voltage switchmode regulators are
monolithic BiC/DMOS integrated circuits which contain most of
the components necessary to implement high-efficiency
dc-to-dc converters up to 3 watts. They can either be operated
from a low-voltage dc supply, or directly from a 10- to 70-V
unregulated dc power source. The Si9100 may be used with
an appropriate transformer to implement most single-ended
isolated power converter topologies (i.e., flyback and forward),
or by using a level shift circuit can generate a +5-V or a −5-V
non-isolated output from a −48-V source.
The Si9100 is available in both standard and lead (Pb)-free
14-pin plastic DIP and 20-pin PLCC packages which are
specified to operate over the industrial temperature range of
−40 C to 85 C.




Similar Part No. - SI9100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9100 VISHAY-SI9100 Datasheet
88Kb / 8P
3-W High-Voltage Switchmode Regulator
15-Nov-04
SI9100DJ02 VISHAY-SI9100DJ02 Datasheet
88Kb / 8P
3-W High-Voltage Switchmode Regulator
15-Nov-04
SI9100DJ02-E3 VISHAY-SI9100DJ02-E3 Datasheet
88Kb / 8P
3-W High-Voltage Switchmode Regulator
15-Nov-04
SI9100DN02 VISHAY-SI9100DN02 Datasheet
88Kb / 8P
3-W High-Voltage Switchmode Regulator
15-Nov-04
SI9100DN02-E3 VISHAY-SI9100DN02-E3 Datasheet
88Kb / 8P
3-W High-Voltage Switchmode Regulator
15-Nov-04
More results


Similar Description - SI9100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9100 VISHAY-SI9100 Datasheet
88Kb / 8P
3-W High-Voltage Switchmode Regulator
15-Nov-04
SI9102 VISHAY-SI9102 Datasheet
76Kb / 7P
3-W High-Voltage Switchmode Regulator
15-Nov-04
SI9105 VISHAY-SI9105 Datasheet
76Kb / 7P
1-W High-Voltage Switchmode Regulator
15-Nov-04
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
3-W High-Voltage Switchmode Regulator
19-Mar-07
SI9105 VISHAY-SI9105_07 Datasheet
305Kb / 11P
1-W High-Voltage Switchmode Regulator
19-Mar-07
SI9108 VISHAY-SI9108_04 Datasheet
213Kb / 12P
1-W High-Voltage Switchmode Regulator
15-Nov-04
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
High-Voltage Switchmode Regulator
05-Apr-99
SI9102 VISHAY-SI9102_V01 Datasheet
155Kb / 10P
3-W High-Voltage Switchmode Regulator
19-Mar-07
SI9105 VISHAY-SI9105_V01 Datasheet
201Kb / 11P
1-W High-Voltage Switchmode Regulator
15-Nov-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com