Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9113 Datasheet (PDF) - Vishay Siliconix

SI9113 Datasheet PDF - Vishay Siliconix
Part # SI9113
Download  SI9113 Download
File Size   148.86 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage Current Mode PWM Controller for ISDN Power Supplies

SI9113 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9113 Datasheet PDF - Vishay Siliconix

Part # SI9113
Download  SI9113 Click to download

File Size   148.86 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage Current Mode PWM Controller for ISDN Power Supplies

SI9113 Datasheet (HTML) - Vishay Siliconix


SI9113 Product details

FEATURES
BiC/DMOS Technology
Current Mode Control
Max 50% Duty Cycle Operation
1.3-MHz Error Amp
Up to 500-kHz Internal Oscillator
Soft-Start
0.6-V Fast Over-Current Protection
<5- A Supply Current for +VIN <18 V
23.5-V to 200-V Input Voltage Range
Programmable Start/Stop Capability
Internal Start-Up Circuit
Power_Good Output
DESCRIPTION
Si9113 is a current mode PWM controller for ISDN power
supplies. In a 14-pin SOIC package, it provides all necessary
functions to implement a single-switch PWM with a minimum
of external parts. To maximize the circuit integration, the
Si9113 is designed with a 200-V depletion mode MOSFET
capable of powering directly off the high input bus without an
external start-up circuit. The Start and Stop input voltage
thresholds can be programmed within the operating input
voltage range by means of a resistor divider, provided +VIN
(Start) > +VIN (Stop). The internal clock frequency is set with
a single external resistor and is capable of capacitor-coupled
external synchronization. In order to satisfy the stringent
ambient temperature requirements, the Si9113 is rated to
handle the industrial range of −40 C to 85 C.
The Si9113 is available in both standard and lead (Pb)-free
packages.




Similar Part No. - SI9113

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9113 VISHAY-SI9113 Datasheet
98Kb / 10P
High-Voltage Current Mode PWM Controller for ISDN Power Supplies
29-Nov-99
SI9113DB VISHAY-SI9113DB Datasheet
201Kb / 11P
SI9113 Demonstration Board
29-Feb-00
SI9113DY VISHAY-SI9113DY Datasheet
146Kb / 12P
High-Voltage Current Mode PWM Controller for ISDN Power Supplies
19-Apr-04
SI9113 VISHAY-SI9113_04 Datasheet
161Kb / 13P
High-Voltage Current Mode PWM Controller for ISDN Power Supplies
19-Apr-04
More results


Similar Description - SI9113

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9605 SUTEX-HV9605 Datasheet
33Kb / 5P
High Voltage Current Mode PWM Controller for ISDN Equipment
logo
Vishay Siliconix
SI9113 VISHAY-SI9113 Datasheet
98Kb / 10P
High-Voltage Current Mode PWM Controller for ISDN Power Supplies
29-Nov-99
SI9113 VISHAY-SI9113_04 Datasheet
161Kb / 13P
High-Voltage Current Mode PWM Controller for ISDN Power Supplies
19-Apr-04
logo
ON Semiconductor
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
NCP1251 ONSEMI-NCP1251_11 Datasheet
275Kb / 24P
Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
logo
Vishay Siliconix
SI9113DY VISHAY-SI9113DY Datasheet
146Kb / 12P
High-Voltage Current Mode PWM Controller for ISDN Power Supplies
19-Apr-04
logo
ON Semiconductor
NCP12510 ONSEMI-NCP12510 Datasheet
607Kb / 27P
Current-Mode PWM Controller for Off-line Power Supplies
September, 2016 ??Rev. 1
NCP1250 ONSEMI-NCP1250_V01 Datasheet
433Kb / 25P
PWM Controller, Current Mode, for Offline Power Supplies
April, 2015 - Rev. 10
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com