Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9136 Datasheet (PDF) - Vishay Siliconix

SI9136 Datasheet PDF - Vishay Siliconix
Part # SI9136_V01
Download  SI9136 Download
File Size   224.81 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Multi-Output Power-Supply Controller

SI9136 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9136 Datasheet PDF - Vishay Siliconix

Part # SI9136_V01
Download  SI9136 Click to download

File Size   224.81 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Multi-Output Power-Supply Controller

SI9136 Datasheet (HTML) - Vishay Siliconix


SI9136 Product details

FEATURES
• Up to 95 % Efficiency
• 3 % Total Regulation (Each Controller)
• 5.5 V to 30 V Input Voltage Range
• 3.3 V, 5 V, and 12 V Outputs
• 200 kHz Low-Noise Fixed Frequency Operation
• Precision 3.3 V Reference Output
• 30 mA Linear Regulator Output
• High Efficiency Pulse Skipping Mode Operation at
Light Load
• Only Three Inductors Required - No Transformer
• LITTLE FOOT® Optimized Output Drivers
• Internal Soft-Start
• Minimal External Control Components
• 28-Pin SSOP Package
DESCRIPTION
The Si9136 is a current-mode PWM and PSM converter
controller, with two synchronous buck converters (3.3 V and
5 V) and a flyback (non-isolated buck-boost) converter
(12 V). Designed for portable devices, it offers a total five
power outputs (three tightly regulated dc/dc converter
outputs, a precision 3.3 V reference and a 5 V LDO output).
It requires minimum external components and is capable of
achieving conversion efficiencies approaching 95 %.
The Si9136 is available in a 28-pin SSOP package and
specified to operate over the extended commercial (0 °C to
90 °C) temperature range.




Similar Part No. - SI9136_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9136DB VISHAY-SI9136DB Datasheet
178Kb / 14P
Multi-Output Power-Supply Controller
03-Apr-00
SI9136DB VISHAY-SI9136DB Datasheet
259Kb / 16P
Multi-Output Power-Supply Controller
16-May-11
SI9136LG VISHAY-SI9136LG Datasheet
178Kb / 14P
Multi-Output Power-Supply Controller
03-Apr-00
SI9136LG VISHAY-SI9136LG Datasheet
259Kb / 16P
Multi-Output Power-Supply Controller
16-May-11
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
Multi-Output Power-Supply Controller
16-May-11
More results


Similar Description - SI9136_V01

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8072N PANASONIC-AN8072N Datasheet
39Kb / 4P
Multi Output Power Supply Regulator
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
MULTI OUTPUT POWER SUPPLY
logo
Vishay Siliconix
SI9138 VISHAY-SI9138 Datasheet
150Kb / 14P
Multi-Output, Individual On/Off Control Power-Supply Controller
13-May-02
SI9139 VISHAY-SI9139 Datasheet
162Kb / 17P
Multi-Output, Individual On/Off Control Power-Supply Controller
16-Dec-02
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
Multi-Output Power-Supply Controller
03-Apr-00
SI9137 VISHAY-SI9137 Datasheet
156Kb / 14P
Multi-Output, Sequence Selectable Power-Supply Controller for Mobile Applications
13-May-02
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
SMBus Multi-Output Power-Supply Controller
16-May-11
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
Multi-Output Power-Supply Controller
16-May-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com