Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9185 Datasheet (PDF) - Vishay Siliconix

SI9185 Datasheet PDF - Vishay Siliconix
Part # SI9185
Download  SI9185 Download
File Size   189.78 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset

SI9185 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9185 Datasheet PDF - Vishay Siliconix

Part # SI9185
Download  SI9185 Click to download

File Size   189.78 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Micropower 500 mA CMOS LDO Regulator with Error Flag/Power-On-Reset

SI9185 Datasheet (HTML) - Vishay Siliconix


SI9185 Product details

FEATURES
• Input voltage 2 V to 6 V
• Low 150 mV dropout at 500 mA load
• Guaranteed 500 mA output current
• Uses low ESR ceramic output capacitor
• Fast load and line transient response
• Only 100 μVRMS noise with noise bypass capacitor
• 1 μA maximum shutdown current
• Built-in short circuit and thermal protection
• Out-of-regulation error flag (power good or POR)
• Fixed 1.215 V, 1.8 V, 2.5 V, 2.8 V, 3.0 V, 3.3 V, 5.0 V, or
adjustable output voltage options
• Other output voltages available by special order
• 1.1 W power dissipation
• Thin, thermally enhanced MLP33 PowerPAK® package
• Compliant to RoHS directive 2002/95/ECAPPLICATIONS
• Laptop and palm computers
• Desktop computers
• Cellular phones
• PDA, digital still cameras
DESCRIPTION
The Si9185 is a 500 mA CMOS LDO (low dropout) voltage
regulator. The device features ultra low ground current and
dropout voltage to prolong battery life in portable electronics.
The Si9185 offers line/load transient response and ripple
rejection superior to that of bipolar or BiCMOS LDO
regulators, and is designed to drive lower cost ceramic, as
well as tantalum, output capacitors. An external noise
bypass capacitor connected to the device’s CNOISE pin will
lower the LDO’s output noise for low noise applications. The
Si9185 also includes an out-of-regulation error flag. If a
capacitor is connected to the device’s delay pin, the error
flag output pin will generate a delayed power-on-reset
signal. The device is guaranteed stable from maximum load
current down to 0 mA load.
The Si9185 is available in both standard and lead (Pb)-free
MLP33 PowerPAK packages and is specified to operate
over the industrial temperature range of - 40 °C to 85 °C.
MLP33 PowerPAK packaging allows enhanced heat transfer
to the PC board.




Similar Part No. - SI9185

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
Micropower 500-mA CMOS LDO Regulator
06-May-02
SI9185DMP-12-T1 VISHAY-SI9185DMP-12-T1 Datasheet
138Kb / 12P
Micropower 500-mA CMOS LDO Regulator
06-May-02
SI9185DMP-15-T1 VISHAY-SI9185DMP-15-T1 Datasheet
138Kb / 12P
Micropower 500-mA CMOS LDO Regulator
06-May-02
SI9185DMP-18-T1 VISHAY-SI9185DMP-18-T1 Datasheet
138Kb / 12P
Micropower 500-mA CMOS LDO Regulator
06-May-02
SI9185DMP-20-T1 VISHAY-SI9185DMP-20-T1 Datasheet
138Kb / 12P
Micropower 500-mA CMOS LDO Regulator
06-May-02
More results


Similar Description - SI9185

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9181 VISHAY-SI9181 Datasheet
125Kb / 10P
Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
19-Apr-04
SI9182 VISHAY-SI9182 Datasheet
129Kb / 10P
Micropower 250-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
28-Jun-04
logo
National Semiconductor ...
LP3997 NSC-LP3997 Datasheet
279Kb / 11P
Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
Micropower 500-mA CMOS LDO Regulator
06-May-02
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
Micropower 300-mA CMOS LDO Regulator With Error Flag
20-Jun-05
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
15-Oct-01
SI9181 VISHAY-SI9181_05 Datasheet
167Kb / 11P
Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
16-May-05
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com