Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI91872 Datasheet (PDF) - Vishay Siliconix

SI91872 Datasheet PDF - Vishay Siliconix
Part # SI91872
Download  SI91872 Download
File Size   127.34 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option

SI91872 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI91872 Datasheet PDF - Vishay Siliconix

Part # SI91872
Download  SI91872 Click to download

File Size   127.34 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option

SI91872 Datasheet (HTML) - Vishay Siliconix


SI91872 Product details

FEATURES
• Ultra Low Dropout—300 mV at 300-mA Load
• Low Noise—75 μVRMS (10-Hz to 100-kHz)
• Out-of-Regulation Error Flag (power good)
• Shutdown Control
• 130-μA Ground Current at 300-mA Load
• Fast Start-Up (50 μS)
• 1.5% Guaranteed Output Voltage Accuracy
• 400-mA Peak Output Current Capability
• Uses Low ESR Ceramic Capacitors
• Fast Line and Load Transient Response (≤ 30 μs)
• 1-μA Maximum Shutdown Current
• Output Current Limit
• Reverse Battery Protection
• Built-in Short Circuit and Thermal Protection
• Output—Auto-Discharge In Shutdown Mode
• Fixed 1.2, 1.8, 2.5, 2.6, 2.8, 3.0, 3.3, 5.0-V Output
Voltage Options
• MLP33-5 PowerPAK® Package
APPLICATIONS
• Cellular Phones, Wireless Handsets
• Noise-Sensitive Electronic Systems, Laptop and
Palmtop Computers
• PDAs
• Pagers
• Digital Cameras
• MP3 Player
• Wireless Modem
DESCRIPTION
The Si91872 is a 300-mA CMOS LDO (low dropout) voltage
regulator. It is the perfect choice for low voltage, low power
applications. An ultra low ground current and ultra fast turn-on
make this part attractive for battery operated power systems.
The Si91872 also offers ultra low dropout voltage to prolong
battery life in portable electronics. Systems requiring a quiet
voltage source will benefit from the Si91872’s low output noise.
The Si91872 is designed to maintain regulation while
delivering 400-mA peak current, making it ideal for systems
that have a high surge current upon turn-on.
For better transient response and regulation, an active
pull-down circuit is built into the Si91872 to clamp the output
voltage when it rises beyond normal regulation. The Si91872
automatically discharges the output voltage by connecting the
output to ground through a 100- n-channel MOSFET when
the device is put in shutdown mode.
The Si91872 features reverse battery protection to limit
reverse current flow to approximately 1-A in the event
reversed battery is applied at the input, thus preventing
damage to the IC.
The Si91872 is available in both the standard and
lead (Pb)-free 5-pin MLP33 PowerPAK packages and is
specified to operate over the industrial temperature range of
−40℃ to 85℃.




Similar Part No. - SI91872

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
20-Jun-05
SI91872DMP-12-E3 VISHAY-SI91872DMP-12-E3 Datasheet
115Kb / 9P
300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
20-Jun-05
SI91872DMP-12-T1 VISHAY-SI91872DMP-12-T1 Datasheet
115Kb / 9P
300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
20-Jun-05
SI91872DMP-18-E3 VISHAY-SI91872DMP-18-E3 Datasheet
115Kb / 9P
300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
20-Jun-05
SI91872DMP-18-T1 VISHAY-SI91872DMP-18-T1 Datasheet
115Kb / 9P
300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
20-Jun-05
More results


Similar Description - SI91872

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
150-mA Ultra Low-Noise LDO Regulator With Discharge Option
29-Mar-04
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
300-mA Ultra Low-Noise LDO Regulator With Discharge Option
03-Feb-03
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
01-Apr-02
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
29-Mar-04
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
Micropower 300-mA CMOS LDO Regulator With Error Flag
20-Jun-05
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
20-Jun-05
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
15-Oct-01
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
300-mA Ultra Low-Noise LDO Regulator With Discharge Option
20-Jun-05
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
logo
Vishay Siliconix
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
300-mA Ultra Low-Noise LDO Regulator With Discharge Option
20-Jun-05
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com