Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9706DY Datasheet (PDF) - Vishay Siliconix

SI9706DY Datasheet PDF - Vishay Siliconix
Part # SI9706DY
Download  SI9706DY Download
File Size   234.85 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description PC Card (PCMCIA) Interface Switch

SI9706DY Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9706DY Datasheet PDF - Vishay Siliconix

Part # SI9706DY
Download  SI9706DY Click to download

File Size   234.85 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description PC Card (PCMCIA) Interface Switch

SI9706DY Datasheet (HTML) - Vishay Siliconix


SI9706DY Product details

FEATURES
Single SO-8 Package
CMOS-Logic Compatible Inputs
Slow VCC Ramp Time
Smart Switching
Extremely Low RON
Reverse Blocking Switches
Low Power Consumption
Safe Power Up
DESCRIPTION
The Si9706DY offers an integrated solution for PC Card power
interfaces that only require VCC switching. This part is ideal for
systems that operate at 5 V and provide VPP from the main
supply or from a dedicated Flash RAM 12-V supply.
The Si9706DY operates off the 5-V supply and has built-in
level shifting for gate drive. Internal logic protects against a
control logic error that would short 5 V to the 3.3-V supply. This
protection logic also allows the Si9706DY to be configured for
positive or negative control logic for compatibility with a variety
of PC Card controllers. These control inputs are CMOS logic
compatible and can be driven to 3.3 V or 5 V.
The Si9706DY PC Card interface switch is packaged in a
narrow body SO-8 package and is rated over the industrial
temperature range −40 to 85 C. The Si9706DY is available in
lead free.




Similar Part No. - SI9706DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9706DY VISHAY-SI9706DY Datasheet
46Kb / 4P
PC Card (PCMCIA) Interface Switch
16-Feb-04
SI9706DY-T1 VISHAY-SI9706DY-T1 Datasheet
46Kb / 4P
PC Card (PCMCIA) Interface Switch
16-Feb-04
SI9706DY-T1-E3 VISHAY-SI9706DY-T1-E3 Datasheet
46Kb / 4P
PC Card (PCMCIA) Interface Switch
16-Feb-04
More results


Similar Description - SI9706DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9706DY VISHAY-SI9706DY Datasheet
46Kb / 4P
PC Card (PCMCIA) Interface Switch
16-Feb-04
logo
Texas Instruments
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
logo
Vishay Siliconix
SI9172 VISHAY-SI9172 Datasheet
70Kb / 7P
PC Card (PCMCIA) Interface Switch- 12-V Suspend Capability
19-Apr-04
SI9711CY VISHAY-SI9711CY Datasheet
189Kb / 6P
PC Card (PCMCIA) Interface Switch
05-Apr-99
SI9707DY VISHAY-SI9707DY Datasheet
116Kb / 4P
PC Card (PCMCIA) Dual Interface Switch
05-Apr-99
SI9707 VISHAY-SI9707 Datasheet
63Kb / 5P
PC Card (PCMCIA) Dual Interface Switch
19-Apr-04
SI9711 VISHAY-SI9711 Datasheet
81Kb / 7P
PC Card (PCMCIA) Interface Switch
19-Apr-04
logo
Texas Instruments
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
logo
Vishay Siliconix
SI9712 VISHAY-SI9712 Datasheet
82Kb / 8P
PC Card (PCMCIA) Interface Switch—12-V Suspend Capability
19-Apr-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com