Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNP105011 Datasheet (PDF) - Panasonic Semiconductor

LNP105011 Datasheet PDF - Panasonic Semiconductor
Part # LNP105011
Download  LNP105011 Download
File Size   90.04 Kbytes
Page   1 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 288 X 96 mm 5 mm 48 X 16 Dots

LNP105011 Datasheet (PDF)

Go To PDF Page Download Datasheet
LNP105011 Datasheet PDF - Panasonic Semiconductor

Part # LNP105011
Download  LNP105011 Click to download

File Size   90.04 Kbytes
Page   1 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 288 X 96 mm 5 mm 48 X 16 Dots

LNP105011 Datasheet (HTML) - Panasonic Semiconductor


LNP105011 Product details

PANEL DISPLAY UNITS

288 × 96 mm
φ 5 mm 48 × 16 Dots




Similar Part No. - LNP105011

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNP120011 PANASONIC-LNP120011 Datasheet
156Kb / 1P
PANEL DISPLAY UNITS
LNP120021 PANASONIC-LNP120021 Datasheet
150Kb / 1P
PANEL DISPLAY UNITS
LNP123021 PANASONIC-LNP123021 Datasheet
59Kb / 1P
PANEL DISPLAY UNITS
LNP123031 PANASONIC-LNP123031 Datasheet
54Kb / 1P
PANEL DISPLAY UNITS
LNP125031 PANASONIC-LNP125031 Datasheet
77Kb / 1P
PANEL DISPLAY UNITS
More results


Similar Description - LNP105011

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
MDL-16263 VARITRONIX-MDL-16263 Datasheet
60Kb / 1P
16 CHARACTERS X 2 LINES CHARACTER SIZE : 1.85W X 2.75H mm (5 X 7 DOTS), 1.85W X 2.75H mm (5 X 8 DOTS)
MDL-16264 VARITRONIX-MDL-16264 Datasheet
75Kb / 1P
16 CHARACTERS X 2 LINES CHARACTER SIZE : 2.54W X 3.55H mm (5 X 7 DOTS), 2.54W X 4.07H mm (5 X 8 DOTS)
MDL-16265 VARITRONIX-MDL-16265 Datasheet
67Kb / 1P
16 CHARACTERS X 2 LINES CHARACTER SIZE : 2.95W X 4.85H mm (5 X 7 DOTS), 2.95W X 5.55H mm (5 X 8 DOTS)
MDL-16268D VARITRONIX-MDL-16268D Datasheet
66Kb / 1P
16 CHARACTERS X 2 LINES CHARACTER SIZE : 4.84W X 8.06H mm (5 X 7 DOTS), 4.84W X 9.66H mm (5 X 8 DOTS)
MDL-16465 VARITRONIX-MDL-16465 Datasheet
76Kb / 1P
16 CHARACTERS X 4 LINES CHARACTER SIZE : 2.95W X 4.15H mm (5 X 7 DOTS), 2.95W X 4.75H mm (5 X 8 DOTS)
MDL-20189 VARITRONIX-MDL-20189 Datasheet
69Kb / 1P
CHARACTER SIZE : 6.70W X 9.40H mm ( 5 X 7 DOTS) 6.70W X 11.50H mm ( 5 X 8 DOTS)
MDL-20265 VARITRONIX-MDL-20265 Datasheet
73Kb / 1P
CHARACTER SIZE : 3.20W X 4.85H mm (5 X 7 DOTS), 3.20W X 5.55H mm (5 X 8 DOTS)
MDL-20433 VARITRONIX-MDL-20433 Datasheet
66Kb / 1P
CHARACTER SIZE: 1.85W X 2.75H mm (5 X 7 DOTS), 1.88W X 3.13H mm (5 X 8 DOTS)
MDL-20464 VARITRONIX-MDL-20464 Datasheet
78Kb / 1P
CHARACTER SIZE: 2.90W X 4.10H mm (5 X 7 DOTS), 2.90W X 4.70H mm (5 X 8 DOTS)
MDL-40466 VARITRONIX-MDL-40466 Datasheet
79Kb / 1P
40 CHARACTERS X 2 LINE, CHARACTER SIZE: 3.15W X 4.80H mm (5 X 7 DOTS), 3.15W X 5.50H mm (5 X 8 DOTS)
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com