Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4720 Datasheet (PDF) - Vishay Siliconix

SI4720 Datasheet PDF - Vishay Siliconix
Part # SI4720_V01
Download  SI4720 Download
File Size   113.34 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Battery Disconnect Switch

SI4720 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI4720 Datasheet PDF - Vishay Siliconix

Part # SI4720_V01
Download  SI4720 Click to download

File Size   113.34 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Battery Disconnect Switch

SI4720 Datasheet (HTML) - Vishay Siliconix


SI4720 Product details

FEATURES
• Solution for Bi-Directional Blocking
• 6 V to 30 V Operation
• Ground Referenced Logic Level Inputs
• Integrated Low RDS(on) MOSFET
• Level-Shifted Gate Drive with Internal MOSFET
• Two Independent Inputs
• Ultra Low Power Consumption in Off State
(Leakage Current Only)
• Logic Supply Voltage is Not Required

DESCRIPTION
The Si4720CY is two level-shifted P-Channel MOSFETs.
Operating together, these MOSFETs can be used as a
reverse blocking switch for battery disconnect applications.
It is a solution for multiple battery technology designs or
designs that require isolation from the power bus during
charging.
The Si4720CY is available in a 16-pin SOIC package and is
rated for the commercial temperature range of - 25 °C to
85 °C.




Similar Part No. - SI4720_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4720-B20 SILABS-SI4720-B20 Datasheet
1Mb / 48P
BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
logo
Skyworks Solutions Inc.
SI4720-B20 SKYWORKS-SI4720-B20 Datasheet
617Kb / 47P
BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
logo
Silicon Laboratories
Si4720-B20-GM SILABS-Si4720-B20-GM Datasheet
1Mb / 48P
BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
logo
Skyworks Solutions Inc.
SI4720-B20-GM SKYWORKS-SI4720-B20-GM Datasheet
617Kb / 47P
BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
Rev. 1.0 November 9, 2021
logo
Silicon Laboratories
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
More results


Similar Description - SI4720_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4720CY VISHAY-SI4720CY Datasheet
72Kb / 8P
Battery Disconnect Switch
21-Jul-97
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
Battery Disconnect Switch
19-Apr-04
SI4719CY VISHAY-SI4719CY Datasheet
80Kb / 8P
Battery Disconnect Switch
31-Aug-98
SI4710CY VISHAY-SI4710CY Datasheet
78Kb / 9P
Battery Disconnect Switch
20-Dec-98
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
Battery Disconnect Switch
05-Apr-99
SI4720 VISHAY-SI4720 Datasheet
123Kb / 10P
Battery Disconnect Switch
13-Jun-11
SI9717CY VISHAY-SI9717CY Datasheet
86Kb / 3P
Battery Disconnect Switch
05-Apr-99
logo
Cooper Bussmann, Inc.
15968 COOPER-15968 Datasheet
68Kb / 1P
Battery Disconnect Switch
logo
Littelfuse
24024 LITTELFUSE-24024 Datasheet
380Kb / 1P
24024 SERIES BATTERY DISCONNECT SWITCH
2018 Rev: 121818
75920 LITTELFUSE-75920 Datasheet
216Kb / 2P
36V MASTER BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc. 072022-A
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com