Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108133 Datasheet (PDF) - PHOENIX CONTACT

108133 Datasheet PDF - PHOENIX CONTACT
Part # 108133
Download  108133 Download
File Size   4278.83 Kbytes
Page   85 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Loop-powered dual-channel temperature transmitter

108133 Datasheet (PDF)

Go To PDF Page Download Datasheet
108133 Datasheet PDF - PHOENIX CONTACT

Part # 108133
Download  108133 Click to download

File Size   4278.83 Kbytes
Page   85 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Loop-powered dual-channel temperature transmitter

108133 Datasheet (HTML) - PHOENIX CONTACT


108133 Product details

Description
The device is a temperature transmitter with two input channels
and HART® communication for conversion of different
input signals in a scalable analog 4 mA ... 20 mA output signal.
The device contains two measuring inputs for
– Resistance thermometers (RTD)
– Thermocouples (TC)
– Resistance-type sensors (Ω)
– Voltage sensors (mV)
The device can be snapped onto all 35 mm DIN rails according
to EN 60715. The device can be universally programmed via the USB interface
of a PC prior to installation or during measurement operation.

Features
– Safe operation in the Ex area because of international approvals
– SIL certification according to IEC 61508:2010
– Reliable measurement operation through sensor monitoring and device hardware error recognition
– Diagnostic information according to NAMUR NE107
– Diverse mounting variants and sensor connection combinations
– Write protection for device parameters




Similar Part No. - 108133

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1081335 PHOENIX-1081335 Datasheet
72Kb / 4P
AC charging controller - EV-CC-AC1-M3-CC-SER-HS-MSTB
More results


Similar Description - 108133

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD693 AD-AD693 Datasheet
496Kb / 12P
Loop-Powered 4.20 mA Sensor Transmitter
logo
Intersil Corporation
ICL232 INTERSIL-ICL232_05 Datasheet
210Kb / 7P
5V Powered, Dual RS-232 Transmitter/Receiver
July 28, 2005
logo
Maxim Integrated Produc...
MAX5216LPT MAXIM-MAX5216LPT Datasheet
1Mb / 18P
Reference Design of 4??0mA Loop-Powered Transmitter
Rev 0; 5/13
logo
Analog Devices
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
Loop-Powered 4??0 mA Sensor Transmitter
REV. A
logo
MORNSUN Science& Techno...
T1100L-F MORNSUN-T1100L-F Datasheet
265Kb / 2P
PASSIVE LOOP-POWERED ISOLATION TRANSMITTER
logo
Analog Devices
AD693 AD-AD693_15 Datasheet
499Kb / 12P
Loop-Powered 4-20 mA Sensor Transmitter
REV. A
logo
Cynergy3 Co
SC420I CYNERGY3-SC420I Datasheet
58Kb / 1P
Loop Powered Isolator
logo
TT Electronics.
DS3102 TTELEC-DS3102 Datasheet
688Kb / 4P
Loop Powered Indicator
logo
M-System Co.,Ltd.
LDSN MSYSTEM-LDSN Datasheet
114Kb / 3P
INPUT LOOP POWERED ISOLATOR
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com