Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3071357 Datasheet (PDF) - PHOENIX CONTACT

3071357 Datasheet PDF - PHOENIX CONTACT
Part # 3071357
Download  3071357 Download
File Size   128.11 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Trunk line branch terminal - UDB 2X25/16 BN

3071357 Datasheet (PDF)

Go To PDF Page Download Datasheet
3071357 Datasheet PDF - PHOENIX CONTACT

Part # 3071357
Download  3071357 Click to download

File Size   128.11 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Trunk line branch terminal - UDB 2X25/16 BN

3071357 Datasheet (HTML) - PHOENIX CONTACT


3071357 Product details

Trunk line branch terminal, nom. voltage: 400 V, nominal current: 101 A, connection method: Screw
connection, Screw connection, number of connections: 4, number of positions: 1, cross section: 1.5 mm² - 25
mm², AWG: 8 - 2, width: 23 mm, color: brown, mounting type: NS 35/7,5, NS 35/15

Your advantages
The branch terminal is suitable for the simple voltage pick-off of main supply cables
Conformance with DIN VDE 0603‑2/EN 60998‑1




Similar Part No. - 3071357

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3071351 PHOENIX-3071351 Datasheet
146Kb / 11P
Trunk line branch terminal - UDB 2X35/25 BK
09/12/2020
3071356 PHOENIX-3071356 Datasheet
127Kb / 9P
Trunk line branch terminal - UDB 2X25/16 BK
09/12/2020
More results


Similar Description - 3071357

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT3-16DP-2.5DSA HIROSE-GT3-16DP-2.5DSA Datasheet
207Kb / 6P
Antenna, Sensor, and Communications Trunk Line Connections
GT8-2428SCF HIROSE-GT8-2428SCF Datasheet
94Kb / 4P
Antenna, Sensor, and Communications Trunk Line Connections
GT17-2022SCF HIROSE-GT17-2022SCF Datasheet
1Mb / 10P
Antenna, Sensor, and Communications Trunk Line Connections
logo
PHOENIX CONTACT
2752932 PHOENIX-2752932 Datasheet
128Kb / 8P
Bus Terminal Module With Remote Bus Branch
1037088 PHOENIX-1037088 Datasheet
88Kb / 5P
Double-level terminal block - PTTBS 2,5 BN
3201084 PHOENIX-3201084 Datasheet
66Kb / 3P
Ferrule - AI 25 -16 BN
2715982 PHOENIX-2715982 Datasheet
61Kb / 3P
Branch terminal - IAK 16
09/12/2020
2878117 PHOENIX-2878117 Datasheet
89Kb / 6P
Branch terminal - IBS IL 24 RB-LK
09/12/2020
3071351 PHOENIX-3071351 Datasheet
146Kb / 11P
Trunk line branch terminal - UDB 2X35/25 BK
09/12/2020
3071356 PHOENIX-3071356 Datasheet
127Kb / 9P
Trunk line branch terminal - UDB 2X25/16 BK
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com