Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4097-2BCPZ-RL7 Datasheet (PDF) - Analog Devices

ADA4097-2BCPZ-RL7 Datasheet PDF - Analog Devices
Part # ADA4097-2BCPZ-RL7
Download  ADA4097-2BCPZ-RL7 Download
File Size   1799.66 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps

ADA4097-2BCPZ-RL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4097-2BCPZ-RL7 Datasheet PDF - Analog Devices

Part # ADA4097-2BCPZ-RL7
Download  ADA4097-2BCPZ-RL7 Click to download

File Size   1799.66 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps

ADA4097-2BCPZ-RL7 Datasheet (HTML) - Analog Devices


ADA4097-2BCPZ-RL7 Product details

GENERAL DESCRIPTION
The ADA4097-1/ADA4097-2 are single and dual robust, precision,
rail-to-rail input and output operational amplifiers (op amps) with
inputs that operate from −VS to +VS and beyond, which are referred
to in this data sheet as Over-The-Top™. The devices feature offset
voltages of <60 μV, input bias currents (IB) of <0.3 nA, and can
operate on single or split supplies that range from 3 V to 50 V.
The ADA4097-1/ADA4097-2 draw 32.5 μA of supply current per
channel.
The ADA4097-1/ADA4097-2 Over-The-Top™ input stages have robust
input protection features for abusive environments. The inputs
can tolerate up to 80 V of differential voltage without damage or
degradation to dc accuracy. The operating common-mode input
range extends from rail-to-rail and beyond, up to 70 V > –VS,
independent of the +VS supply.
The ADA4097-1/ADA4097-2 are unity-gain stable and can drive
loads requiring up to 20 mA per channel. The devices can also
drive capacitive loads as large as 200 pF. The amplifiers are
available with low power shutdown.
The ADA4097-1 is available in a standard, 6-lead thin small outline
transistor (TSOT) package. The ADA4097-2 is available in
an 8-lead standard small outline (SOIC_N) package, 8-lead mini
small outline package (MSOP), and 10-lead lead-frame chip-scale
package (LFCSP).

FEATURES
► Ultrawide common-mode input range: −VS − 0.1 V to −VS + 70 V
► Wide power supply voltage range: +3 V to +50 V (to ±25 V for PSRR)
► Low power supply current: 32.5 μA (typical)
► Low input offset voltage: ±60 μV maximum
► Low input offset voltage drift: ±1 μV/°C maximum (B grade)
► Low input voltage noise
► 6 Hz typical 1/f noise corner
► 1000 nV p-p typical at 0.1 Hz to 10 Hz
► GBP: 130 kHz typical for fTEST = 250 Hz
► Slew rate: 0.1 V/μs typical at ΔVOUT = 4 V
► Low power supply current shutdown: 20 μA maximum
► Low input offset current: ±300 pA maximum
► Large signal voltage gain: 120 dB minimum for ΔVOUT = 3.5 V
► CMRR: 120 dB minimum at VCM = −0.1 V to +70 V
► PSRR: 123 dB minimum at VSY = +3 V to ±25 V
► Input overdrive tolerant with no phase reversal
► ±2 kV HBM and ±1.25 kV FICDM
► Wide temperature range: −55°C to +150°C (H grade)
► Shutdown feature available for single 6-lead TSOT and dual 10-lead LFCSP packages

APPLICATIONS
► Industrial sensor conditioning
► Supply current sensing




Similar Part No. - ADA4097-2BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4097-1 AD-ADA4097-1 Datasheet
517Kb / 27P
50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
5/2021-Revision 0
ADA4097-1BUJZ-R5 AD-ADA4097-1BUJZ-R5 Datasheet
517Kb / 27P
50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
5/2021-Revision 0
ADA4097-1BUJZ-RL7 AD-ADA4097-1BUJZ-RL7 Datasheet
517Kb / 27P
50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
5/2021-Revision 0
ADA4097-1HUJZ-RL7 AD-ADA4097-1HUJZ-RL7 Datasheet
517Kb / 27P
50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
5/2021-Revision 0
More results


Similar Description - ADA4097-2BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT6015 LINER-LT6015_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6016 LINER-LT6016_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6017 LINER-LT6017_15 Datasheet
929Kb / 22P
3.2MHz, 0.8V/s Low Power, Over-The-Top Precision Op Amps
LT6015 LINER-LT6015 Datasheet
1,014Kb / 22P
3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
logo
3PEAK INC.
TP1561 3PEAK-TP1561 Datasheet
1Mb / 16P
Stable 3.8MHz, 130關A, RRIO, EveryCapTM Op Amps
logo
Analog Devices
ADA4097-1 AD-ADA4097-1 Datasheet
517Kb / 27P
50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
5/2021-Revision 0
ADA4099-1 AD-ADA4099-1 Datasheet
1Mb / 34P
50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
1/2022-Rev. 0 to Rev. A
ADA4098-1 AD-ADA4098-1 Datasheet
1Mb / 33P
50 V, 1 MHz, 165 關A per Channel, Robust, Over-The-Top, Precision Op Amps
Rev. A
ADA4099-2BCHIPS AD-ADA4099-2BCHIPS Datasheet
212Kb / 8P
50 V, 8 MHz, 1.65 mA per Channel, Robust, Over-The-Top, Precision Op Amp
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com