Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL8142ACPZN Datasheet (PDF) - Analog Devices

ADL8142ACPZN Datasheet PDF - Analog Devices
Part # ADL8142ACPZN
Download  ADL8142ACPZN Download
File Size   1471.67 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz

ADL8142ACPZN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8142ACPZN Datasheet PDF - Analog Devices

Part # ADL8142ACPZN
Download  ADL8142ACPZN Click to download

File Size   1471.67 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz

ADL8142ACPZN Datasheet (HTML) - Analog Devices


ADL8142ACPZN Product details

GENERAL DESCRIPTION
The ADL8142 is a gallium arsenide (GaAs), monolithic microwave
integrated circuit (MMIC), pseudomorphic high electron mobility
transistor (pHEMT), low noise wideband amplifier that operates
from 23 GHz to 31 GHz. The ADL8142 provides a typical gain of
27 dB, a 1.6 dB typical noise figure, and a typical output third-order
intercept (OIP3) of 29 dBm at 27 GHz to 31 GHz, requiring only
25 mA from a 2 V supply voltage. Note that the OIP3 can be
improved with larger drain currents. The ADL8142 also features
inputs and outputs that are ac-coupled and internally matched to
50 Ω, making it ideal for high capacity microwave radio applications.
The ADL8142 is housed in a RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP.

FEATURES
► Low noise figure: 1.6 dB typical at 27 GHz to 31 GHz
► Single positive supply (self biased)
► High gain: 27 dB typical at 27 GHz to 31 GHz
► High OIP3: 29 dBm typical at 27 GHz to 31 GHz
► RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP

APPLICATIONS
► Satellite communication
► Telecommunications
► Civilian radar




Similar Part No. - ADL8142ACPZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8142ACPZN AD-ADL8142ACPZN Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. B
ADL8142ACPZN-CSL AD-ADL8142ACPZN-CSL Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142ACPZN-R7 AD-ADL8142ACPZN-R7 Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. B
ADL8142ACPZN-R7-CSL AD-ADL8142ACPZN-R7-CSL Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
More results


Similar Description - ADL8142ACPZN

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
logo
Analog Devices
ADL9006 AD-ADL9006 Datasheet
397Kb / 14P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
8/2020-Revision 0
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
ADL8142S AD-ADL8142S Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
EVAL-ADL8142 AD-EVAL-ADL8142 Datasheet
366Kb / 5P
Evaluating the ADL8142 GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8141 AD-ADL8141 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com