Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPRVM001 Datasheet (PDF) - Schneider Electric

TPRVM001 Datasheet PDF - Schneider Electric
Part # TPRVM001
Download  TPRVM001 Download
File Size   106.32 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Voltage interface module, TeSys island

TPRVM001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPRVM001 Datasheet PDF - Schneider Electric

Part # TPRVM001
Download  TPRVM001 Click to download

File Size   106.32 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Voltage interface module, TeSys island

TPRVM001 Datasheet (HTML) - Schneider Electric


TPRVM001 Product details

Main
Range TeSys
Product name TeSys island
Device short name TPRVM
Product or Component Type Voltage interface module
Device presentation Monitoring of the mains voltage powering the island
Reporting of the voltage to the bus coupler to enable power & energy monitoring
Function of module Monitoring of voltages in single phase systems L-N or L-L
Monitoring of voltages in 3-phase systems without neutral N connection
Calculation of RMS phase voltages, voltage phase sequence, fundamental frequency
Identification of dip and swell events level and duration
Product compatibility TPRBC bus coupler
[Ue] rated operational voltage 690 V AC 47...63 Hz
[Ui] rated insulation voltage 690 V IEC 61010-1
[Uimp] rated impulse withstand
voltage
6 kV IEC 61010-1




Similar Part No. - TPRVM001

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPR-120-12S TOPPOWER-TPR-120-12S Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-120-24S TOPPOWER-TPR-120-24S Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-120-48S TOPPOWER-TPR-120-48S Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-120-XS TOPPOWER-TPR-120-XS Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-15-12S TOPPOWER-TPR-15-12S Datasheet
925Kb / 6P
15~15.6W AC-DC DIN RAIL Power Supply
More results


Similar Description - TPRVM001

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TPRAN2X1 SCHNEIDER-TPRAN2X1 Datasheet
108Kb / 3P
Analog IO module, TeSys island, 2 inputs, 1 output
May 9, 2022
TPRBCEIP SCHNEIDER-TPRBCEIP Datasheet
115Kb / 3P
Bus coupler, TeSys island, Ethernet switch (EtherNet IP / Modbus TCP)
May 9, 2022
TPRBCPFB SCHNEIDER-TPRBCPFB Datasheet
114Kb / 3P
Bus coupler, TeSys island, PROFIBUS
May 9, 2022
TPRBCPFN SCHNEIDER-TPRBCPFN Datasheet
114Kb / 3P
Bus coupler, TeSys island, PROFINET
May 9, 2022
TPRDG4X2 SCHNEIDER-TPRDG4X2 Datasheet
110Kb / 3P
Digital IO module, TeSys island, 4 inputs, 2 outputs
May 9, 2022
TPRPM009 SCHNEIDER-TPRPM009 Datasheet
121Kb / 3P
Power interface module, TeSys island, 15A AC-1, 9A AC-3, 4kW / 5hp
May 9, 2022
TPRPM038 SCHNEIDER-TPRPM038 Datasheet
121Kb / 3P
Power interface module, TeSys island, 40A AC-1, 38A AC-3, 18.5kW / 20hp
May 9, 2022
TPRPM080 SCHNEIDER-TPRPM080 Datasheet
126Kb / 3P
Power interface module, TeSys island, 80A AC-1, 80A AC-3, 37kW / 50hp
May 9, 2022
TPRSM001 SCHNEIDER-TPRSM001 Datasheet
106Kb / 3P
SIL interface module, TeSys island
May 9, 2022
ASILUFC5 SCHNEIDER-ASILUFC5 Datasheet
99Kb / 2P
AS-Interface communication module, TeSys Ultra, 24VDC
May 11, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com