Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2511 Datasheet (PDF) - Vishay Siliconix

DG2511 Datasheet PDF - Vishay Siliconix
Part # DG2511
Download  DG2511 Download
File Size   178.67 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package

DG2511 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2511 Datasheet PDF - Vishay Siliconix

Part # DG2511
Download  DG2511 Click to download

File Size   178.67 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package

DG2511 Datasheet (HTML) - Vishay Siliconix


DG2511 Product details

FEATURES
• Low voltage operation (1.8 V to 5.5 V)
• Low on-resistance - RON: 1.3 Ω at 2.7 V
• Low charge injection
• Latch-up current > 300 mA (JESD78A)
• miniQFN-6 package (1.2 x 1 mm)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

BENEFITS
• Reduced power consumption
• Simple logic interface
• High accuracy
• Reduce board space
• Guaranteed 2 V operation

APPLICATIONS
• Cellular phones
• Communication systems
• Portable test equipment
• Battery operated systems
• Sample and hold circuits
• ADC and DAC applications
• Low voltage data acquisition systems

DESCRIPTION
The DG2511, DG2512, DG2513 are low on-resistance,
single-pole/double-throw or single-pole/single-throw
monolithic CMOS analog switch. It is designed for low
voltage applications. The DG2511, DG2512, DG2513 are
ideal for portable and battery powered equipment, requiring
high performance and efficient use of board space. In
additional to the low on-resistance (1.3  at 2.7 V).
The DG2511 is an SPDT and the DG2512, DG2513 are
SPST. The switch conducts equally well in both directions
when on, and blocks up to the power supply level when off.
The DG2511, DG2512, DG2513 are built on Vishay
Siliconix’s low voltage JI5L process. An epitaxial layer
prevents latchup.
Break-before-make is guaranteed.
The DG2511, DG2512, DG2513 represents a breakthrough
in packaging development for analog switching products.
The miniQFN-6 package (1.2 x 1 mm).
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product with
the lead (Pb)-free device terminations. For analog switching
products manufactured with NiPdAu device terminations, the
lead (Pb)-free "-E4" suffix is being used as a designator.




Similar Part No. - DG2511

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2511 VISHAY-DG2511 Datasheet
127Kb / 8P
Low-Voltage, Low rON, Single Analog Switch In miniQFN-6 Package
26-Feb-07
DG2511 VISHAY-DG2511 Datasheet
175Kb / 9P
Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
23-May-11
DG2511DN-T1-E4 VISHAY-DG2511DN-T1-E4 Datasheet
127Kb / 8P
Low-Voltage, Low rON, Single Analog Switch In miniQFN-6 Package
26-Feb-07
DG2511DN-T1-E4 VISHAY-DG2511DN-T1-E4 Datasheet
175Kb / 9P
Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
23-May-11
DG2511 VISHAY-DG2511_11 Datasheet
175Kb / 9P
Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
23-May-11
More results


Similar Description - DG2511

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
Low RON Low Voltage SPST Analog Switch
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
Low-Voltage, Low RON, Single SPDT Analog Switch.
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2011 VISHAY-DG2011_08 Datasheet
113Kb / 8P
Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
16-Jan-06
DG2511 VISHAY-DG2511 Datasheet
127Kb / 8P
Low-Voltage, Low rON, Single Analog Switch In miniQFN-6 Package
26-Feb-07
DG2511 VISHAY-DG2511_11 Datasheet
175Kb / 9P
Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
23-May-11
DG2715 VISHAY-DG2715_11 Datasheet
120Kb / 9P
Low-Voltage, 0.4ohm RON, Single SPST Analog Switch
28-Feb-11
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
Low-Voltage, 0.4 Ω RON, Single SPST Analog Switch
28-Feb-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com