Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2711 Datasheet (PDF) - Vishay Siliconix

DG2711 Datasheet PDF - Vishay Siliconix
Part # DG2711
Download  DG2711 Download
File Size   105.9 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, Sub-Ohm, SPDT Analog Switch

DG2711 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2711 Datasheet PDF - Vishay Siliconix

Part # DG2711
Download  DG2711 Click to download

File Size   105.9 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage, Sub-Ohm, SPDT Analog Switch

DG2711 Datasheet (HTML) - Vishay Siliconix


DG2711 Product details

FEATURES
• Low voltage operation (1.6 V to 3.6 V)
• Low on-resistance - RDS(on): 0.44 Ω typ.
• Fast switching - tON: 25 ns, tOFF: 14 ns
• Low leakage
• TTL/CMOS compatible
• 6-pin SC-70 package
• Compliant to RoHS directive 2002/95/EC

BENEFITS
• Reduced power consumption
• Simple logic interface
• High accuracy
• Reduce board space

APPLICATIONS
• Cellular phones
• Communication systems
• Portable test equipment
• Battery operated systems
• Sample and hold circuits

DESCRIPTION
The DG2711 is a sub-ohm single-pole/double-throw
monolithic CMOS analog switch designed for high
performance switching of analog signals. Combining low
power, high speed (tON: 25 ns, tOFF: 14 ns), low
on-resistance (RDS(on): 0.44 Ω) and small physical size
(SC70), the DG2711 is ideal for portable and battery
powered applications requiring high performance and
efficient use of board space.
The DG2711 is built on Vishay Siliconix’s low voltage
submicron CMOS process. An epitaxial layer prevents
latchup. Break-before-make is guaranteed for DG2711.
Each switch conducts equally well in both directions when
on, and blocks up to the power supply level when off.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with the lead (Pb)-free device terminations. For analog
switching products manufactured with 100 % matte tin
device terminations, the lead (Pb)-free "-E3" suffix is being
used as a designator.




Similar Part No. - DG2711

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
15-Nov-04
DG2711 VISHAY-DG2711 Datasheet
110Kb / 8P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
30-Apr-07
DG2711 VISHAY-DG2711 Datasheet
102Kb / 9P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
25-Oct-10
DG2711DL-T1-E3 VISHAY-DG2711DL-T1-E3 Datasheet
127Kb / 8P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
15-Nov-04
DG2711DL-T1-E3 VISHAY-DG2711DL-T1-E3 Datasheet
110Kb / 8P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
30-Apr-07
More results


Similar Description - DG2711

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
0.4-ohm Low Voltage SPDT Analog Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
1-Ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
15-Nov-04
DG2711 VISHAY-DG2711_08 Datasheet
110Kb / 8P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
30-Apr-07
logo
Analog Microelectronics
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
1-Ohm Low Voltage SPDT Analog Switch
AME4624 AME-AME4624 Datasheet
153Kb / 15P
1-Ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
Low-Voltage, Sub-Ohm, SPDT Analog Switch
25-Oct-10
logo
Pericom Semiconductor C...
PI5A4157 PERICOM-PI5A4157 Datasheet
511Kb / 10P
Low Voltage SPDT 0.8(ohm) Analog Switch
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
Low Voltage SPDT 0.8(ohm) Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
0.8(OHM) Low-Voltage SPDT Analog Switch
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com