Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG3000 Datasheet (PDF) - Vishay Siliconix

DG3000 Datasheet PDF - Vishay Siliconix
Part # DG3000_V01
Download  DG3000 Download
File Size   274.11 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Single SPDT MICRO FOOT®Analog Switch

DG3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG3000 Datasheet PDF - Vishay Siliconix

Part # DG3000_V01
Download  DG3000 Click to download

File Size   274.11 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Single SPDT MICRO FOOT®Analog Switch

DG3000 Datasheet (HTML) - Vishay Siliconix


DG3000 Product details

FEATURES
• MICRO FOOT® Chip Scale Package
(1.07 x 1.57 mm)
• Low Voltage Operation (1.8 V to 5.5 V)
• Low On-Resistance - RDS(on): 1.4 Ω
• Fast Switching - tON: 24 ns, tOFF: 9 ns
• Low Power Consumption
• TTL/CMOS Compatible

BENEFITS
• Reduced Power Consumption
• Simple Logic Interface
• High Accuracy
• Reduce Board Space

APPLICATIONS
• Cellular Phones
• Communication Systems
• Portable Test Equipment
• Battery Operated Systems
• PCM Cards
• PDA

DESCRIPTION
The DG3000 is a single-pole/double-throw monolithic CMOS
analog switch designed for high performance switching of
analog signals. Combining low power, high speed
(tON: 24 ns, tOFF: 9 ns), low on-resistance (RDS(on): 1.4 Ω)
and small physical size (MICRO FOOT, 6-bump), the
DG3000 is ideal for portable and battery powered
applications requiring high performance and efficient use of
board space.
The DG3000 is built on Vishay Siliconix’s low voltage JI2
process. An epitaxial layer prevents latchup. Break-before -
make is guaranteed for DG3000.
Each switch conducts equally well in both directions when
on, and blocks up to the power supply level when off.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with the lead (Pb)-free device terminations. For MICRO
FOOT analog switching products manufactured with
tin/silver/copper (Sn/Ag/Cu) device terminations, the
lead (Pb)-free "-E1" suffix is being used as a designator.




Similar Part No. - DG3000_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3000DB VISHAY-DG3000DB Datasheet
72Kb / 9P
Low-Voltage Single SPDT MICRO FOOT Analog Switch
26-Aug-02
DG3000DB-T1 VISHAY-DG3000DB-T1 Datasheet
130Kb / 10P
Low-Voltage Single SPDT MICRO FOOT®Analog Switch
30-Apr-07
DG3000DB-T1-E1 VISHAY-DG3000DB-T1-E1 Datasheet
130Kb / 10P
Low-Voltage Single SPDT MICRO FOOT®Analog Switch
30-Apr-07
DG3000 VISHAY-DG3000_08 Datasheet
130Kb / 10P
Low-Voltage Single SPDT MICRO FOOT®Analog Switch
30-Apr-07
More results


Similar Description - DG3000_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
DG3003 VISHAY-DG3003 Datasheet
96Kb / 7P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
27-Oct-03
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
Low-Voltage Single SPDT Analog Switch
30-Jun-03
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
Low-Voltage Single SPDT MICRO FOOT Analog Switch
26-Aug-02
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG3000 VISHAY-DG3000_08 Datasheet
130Kb / 10P
Low-Voltage Single SPDT MICRO FOOT®Analog Switch
30-Apr-07
DG3001 VISHAY-DG3001 Datasheet
123Kb / 9P
Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
30-Apr-07
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
Low-Voltage Single SPDT Analog Switch
13-Jun-11
DG3001 VISHAY-DG3001_11 Datasheet
193Kb / 12P
Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
28-Feb-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com