Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG3157E Datasheet (PDF) - Vishay Siliconix

DG3157E Datasheet PDF - Vishay Siliconix
Part # DG3157E
Download  DG3157E Download
File Size   130.26 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Powered-off Protection, High Speed, 1.65 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer / Demultiplexer Bus Switch)

DG3157E Datasheet (PDF)

Go To PDF Page Download Datasheet
DG3157E Datasheet PDF - Vishay Siliconix

Part # DG3157E
Download  DG3157E Click to download

File Size   130.26 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Powered-off Protection, High Speed, 1.65 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer / Demultiplexer Bus Switch)

DG3157E Datasheet (HTML) - Vishay Siliconix


DG3157E Product details

FEATURES
• Direct cross to industry standard
SN74LVC1G3157, NC7SB3157, NLASB3157,
Pl5A3157, and STG3157
• Low switch on-resistance (6 Ω)
• +1.65 V to +5.5 V single supply operation
• Powered-off protection
• Control logic inputs can go over V+ up to 5.5 V
• Low parasitic capacitance, 7 pF at switch off
• Break before make switching
• Latch-up performance exceeds 200 mA per JESD 78
• High ESD rating
- 7000 V human body model (JS-001)
- 1000 V charge device model (JS-002)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Battery powered devices
• Consumer and computing
• Instrumentation
• Medical equipment
• Control and automation

DESCRIPTION
The DG3157E is a high speed single-pole double-throw
analog switch designed for +1.65 V to +5.5 V single power
rail operation.
Fabricated with high density CMOS technology, the
DG3157E achieves low on-resistance, fast switching speed,
and high bandwidth while maintains low power
consumption.
The DG3157E can handle both analog and digital signals
and permits signals with amplitudes of up to V+ to be
transmitted in either direction.
When the select pin is low, B0 is connected to the output A
pin. When the select pin is high, B1 is connected to the
output A pin. The path that is open will have a high
impedance state with respect to the output. Break before
make switching performance is guaranteed.
A powered-off protection circuit is built into the switch to
prevent an abnormal current flow from COM pin to V+ during
the power-down condition. Each output pin can withstand
greater than 7 kV (human body model).
Operation temperature is specified from -40 °C to +85 °C.
The DG3157E is available in the compact SC-70-6L
package.




Similar Part No. - DG3157E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3157 VISHAY-DG3157 Datasheet
82Kb / 6P
High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
15-Dec-03
DG3157 VISHAY-DG3157 Datasheet
103Kb / 7P
High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
30-Apr-07
DG3157 VISHAY-DG3157 Datasheet
126Kb / 8P
High-Speed, Low RON, SPDT Analog Switch
23-Feb-09
DG3157 VISHAY-DG3157 Datasheet
129Kb / 8P
High-Speed, Low RON, SPDT Analog Switch
23-Feb-09
DG3157A VISHAY-DG3157A Datasheet
122Kb / 7P
Low Voltage, 300-MHz - 3 dB Bandwidth, SPDT Analog Switch with Power Down Protection (2:1 Multiplexer/Demultiplexer Bus Switch)
25-Aug-08
More results


Similar Description - DG3157E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3157 VISHAY-DG3157 Datasheet
82Kb / 6P
High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
15-Dec-03
logo
Analog Devices
ADG3249 AD-ADG3249 Datasheet
220Kb / 12P
2.5 V/3.3 V, 2:1 Multiplexer/ Demultiplexer Bus Switch
REV.0
logo
Vishay Siliconix
DG3157 VISHAY-DG3157_08 Datasheet
103Kb / 7P
High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
30-Apr-07
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
logo
Vishay Siliconix
DG2001E VISHAY-DG2001E Datasheet
216Kb / 12P
Powered-off Protection, 0.85 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG9411E VISHAY-DG9411E Datasheet
183Kb / 11P
Powered-off Protection, 6 Ω 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG4157E VISHAY-DG4157E Datasheet
199Kb / 11P
Powered-off Isolation, 0.86 Ω, 1.65 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG4599E VISHAY-DG4599E Datasheet
177Kb / 11P
Power-off Isolation, 6 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG2002E VISHAY-DG2002E Datasheet
182Kb / 11P
Power-off Protection, 6 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
DG2012E VISHAY-DG2012E Datasheet
166Kb / 10P
Powered-off Protection, 1 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com