Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5020-5.0B Datasheet (PDF) - M.S. Kennedy Corporation

MSK5020-5.0B Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5020-5.0B
Download  MSK5020-5.0B Download
File Size   268.54 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS

MSK5020-5.0B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5020-5.0B Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5020-5.0B
Download  MSK5020-5.0B Click to download

File Size   268.54 Kbytes
Page   6 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS

MSK5020-5.0B Datasheet (HTML) - M.S. Kennedy Corporation


MSK5020-5.0B Product details

DESCRIPTION:
The MSK 5020 series voltage regulators are available in a +3.3V, +5.0V or +12.0V fixed output configuration. All three boast ultra low dropout specifications due to the utilization of a MOSFET output pass transistor with extremely low Rds(on). Dropout voltages of 0.50V at 20 amps are typical, in this configuration, which drives efficiency up and power dissipation down. Accuracy is guaranteed with a 1% initial output voltage tolerance that varies only –2% with temperature. A TTL level can be used to enable/disable the device and a regulation dropout fault pin provides a means of monitoring the output level. The MSK 5020 series is packaged in a thermally efficient 12 pin power dip.

FEATURES:
• Extremely Low Dropout Voltage: 0.50V @ 20 Amps
• Available in 3.3V, 5.0V and 12.0V versions
• Output Voltages Are Internally Set to –1%
• TTL Level Enable Pin
• Externally Programmable Current Limit
• Low Quiescent Current
• Available Fully Qualified to Mil-PRF-38534
• Output Current to 20 Amps
• Regulation Dropout Fault Pin

TYPICAL APPLICATIONS
• High Efficiency, High Current Linear Regulators
• Constant Voltage/Current Regulators
• System Power Supplies
• Switching Power Supply Post Regulators




Similar Part No. - MSK5020-5.0B

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5020-50 MSK-MSK5020-50_15 Datasheet
422Kb / 6P
Available in 3.3V, 5.0V and 12.0V versions
More results


Similar Description - MSK5020-5.0B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2217 TI-TLV2217 Datasheet
321Kb / 11P
LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5010-3.3BTU MSK-MSK5010-3.3BTU Datasheet
195Kb / 5P
HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL760M18-Q1 TI-TL760M18-Q1 Datasheet
331Kb / 10P
LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
LOW-DROPOUT FIXED-VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com