Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG188 Datasheet (PDF) - Vishay Siliconix

DG188 Datasheet PDF - Vishay Siliconix
Part # DG188
Download  DG188 Download
File Size   88.6 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Speed Drivers with SPDT JFET Switches

DG188 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG188 Datasheet PDF - Vishay Siliconix

Part # DG188
Download  DG188 Click to download

File Size   88.6 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Speed Drivers with SPDT JFET Switches

DG188 Datasheet (HTML) - Vishay Siliconix


DG188 Product details

features
• Constant On-Resistance Over
Entire Analog Range
• Low Leakage
• Low Crosstalk
• Rad Hardness

benefits
• Low Distortion
• Eliminates Large Signal Errors
• High Precision
• High Bandwidth Capability
• Fault Protection

applications
• Audio Switching
• Video Switching
• Sample/Hold
• Guidance and Control Systems
• Telemetry

description
The DG186/187/188 are precision single-pole, double-throw
(SPDT) analog switches designed to provide accurate
switching of video and audio signals. This series is ideally
suited for applications requiring a constant on-resistance over
the entire analog range.
The major difference in the devices is the on-resistance
(DG186—10 , DG187—30 , DG188—75  Reduced
errors are achieved through low leakage current (ID(on)
< 2 nA). Applications which benefit from the flat JFET
on-resistance include audio switching, video switching, and
data acquisition.
To achieve fast and accurate switch performance, each device
comprises two n-channel JFET transistors and a TTL
compatible bipolar driver. The driver is designed to achieve
break-before-make switching action, eliminating the
inadvertent shorting between channels and the crosstalk
which would result. In the on state, each switch conducts
current equally well in either direction. In the off condition, the
switches will block up to 20 V peak-to-peak, with feedthrough
of less than –60 dB at 10 MHz.




Similar Part No. - DG188

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG188 VISHAY-DG188 Datasheet
89Kb / 8P
High-Speed Drivers with SPDT JFET Switches
16-Jun-97
logo
Intersil Corporation
DG188 INTERSIL-DG188 Datasheet
4Mb / 122P
P-CHANNEL JFET
DG188 INTERSIL-DG188 Datasheet
2Mb / 117P
Analog Switches and Multiplexers
DG188AA INTERSIL-DG188AA Datasheet
75Kb / 9P
High-Speed Drivers with JFET Switch
April 1999
DG188AA/883B INTERSIL-DG188AA/883B Datasheet
75Kb / 9P
High-Speed Drivers with JFET Switch
April 1999
More results


Similar Description - DG188

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG181 INTERSIL-DG181 Datasheet
75Kb / 9P
High-Speed Drivers with JFET Switch
April 1999
logo
Vishay Siliconix
DG180 VISHAY-DG180 Datasheet
84Kb / 8P
High-Speed Drivers with Dual SPST JFET Switches
16-Jun-97
logo
TEMIC Semiconductors
DG183 TEMIC-DG183 Datasheet
113Kb / 8P
High-Speed Drivers with Dual DPST JFET Switches
logo
Vishay Siliconix
DG183 VISHAY-DG183 Datasheet
82Kb / 8P
High-Speed Drivers and Dual DPST JFET Switches
16-Jun-97
DG188 VISHAY-DG188 Datasheet
89Kb / 8P
High-Speed Drivers with SPDT JFET Switches
16-Jun-97
logo
BOWEI Integrated Circui...
SW20X BOWEI-SW20X Datasheet
115Kb / 1P
SPDT Switches
logo
Vishay Siliconix
DG183 VISHAY-DG183_V01 Datasheet
89Kb / 9P
High-Speed Drivers and Dual DPST JFET Switches
16-Jun-97
DG189 VISHAY-DG189_V01 Datasheet
111Kb / 9P
High-Speed Drivers with Dual SPDT JFET Switches
20-Jun-05
DG180 VISHAY-DG180_V01 Datasheet
91Kb / 9P
High-Speed Drivers with Dual SPST JFET Switches
16-Jun-97
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com