Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1306M05-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AMC1306M05-Q1 Datasheet PDF - Texas Instruments
Part # AMC1306M05-Q1
Download  AMC1306M05-Q1 Download
File Size   2217.58 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC1306M05-Q1 Automotive, High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator

AMC1306M05-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1306M05-Q1 Datasheet PDF - Texas Instruments

Part # AMC1306M05-Q1
Download  AMC1306M05-Q1 Click to download

File Size   2217.58 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC1306M05-Q1 Automotive, High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator

AMC1306M05-Q1 Datasheet (HTML) - Texas Instruments


AMC1306M05-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Linear input voltage range: ±50 mV
• Low DC errors:
– Offset error: ±50 μV (max)
– Offset drift: 1 μV/°C (max)
– Gain error: ±0.2% (max)
– Gain drift: ±40 ppm/°C (max)
• High CMTI: 100 kV/μs (min)
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Safety-related certifications:
– 7070-VPEAK reinforced isolation per DIN VDE V
0884-11: 2017-01
– 5000-VRMS isolation for 1 minute per UL1577




Similar Part No. - AMC1306M05-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1306M05-Q1 TI2-AMC1306M05-Q1 Datasheet
1Mb / 45P
AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
REVISED JANAURY 2020
AMC1306M05-Q1 TI2-AMC1306M05-Q1 Datasheet
1Mb / 45P
AMC1306x Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators With High CMTI
REVISED JANAURY 2020
More results


Similar Description - AMC1306M05-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
High-Precision, Reinforced Isolated Delta-Sigma Modulators
logo
Broadcom Corporation.
ACPL-C799 BOARDCOM-ACPL-C799 Datasheet
1Mb / 16P
Optically Isolated 짹50 mV Sigma-Delta Modulator
logo
Texas Instruments
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC1336-Q1 TI1-AMC1336-Q1 Datasheet
1Mb / 40P
AMC1336-Q1 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC3306M05 TI-AMC3306M05 Datasheet
2Mb / 39P
AMC3306M05 High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3336-Q1 TI-AMC3336-Q1 Datasheet
2Mb / 40P
AMC3336-Q1 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3302-Q1 TI-AMC3302-Q1 Datasheet
2Mb / 37P
AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1306M25-Q1 TI-AMC1306M25-Q1 Datasheet
2Mb / 36P
AMC1306M25-Q1 Automotive, High-Precision, 짹250-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com