Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8901EDB Datasheet (PDF) - Vishay Siliconix

SI8901EDB Datasheet PDF - Vishay Siliconix
Part # SI8901EDB_V01
Download  SI8901EDB Download
File Size   101.11 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bi-Directional P-Channel 20-V (D-S) MOSFET

SI8901EDB Datasheet (PDF)

Go To PDF Page Download Datasheet
SI8901EDB Datasheet PDF - Vishay Siliconix

Part # SI8901EDB_V01
Download  SI8901EDB Click to download

File Size   101.11 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bi-Directional P-Channel 20-V (D-S) MOSFET

SI8901EDB Datasheet (HTML) - Vishay Siliconix


SI8901EDB Product details

FEATURES
• TrenchFET® Power MOSFET
• Ultra-Low RSS(on)
• ESD Protected: 6000 V
• MICRO FOOT® Chipscale Packaging
Reduces Footprint Area, Profile (0.65 mm)
and On-Resistance Per Footprint Area

APPLICATIONS
• Smart Batteries for Portable Devices




Similar Part No. - SI8901EDB_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8901EDB VISHAY-SI8901EDB_06 Datasheet
190Kb / 4P
Bi-Directional P-Channel 20-V (D-S) MOSFET
23-Jan-06
More results


Similar Description - SI8901EDB_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8902EDB VISHAY-SI8902EDB Datasheet
58Kb / 5P
Bi-Directional N-Channel 20-V (D-S) MOSFET
05-Aug-02
SI8901EDB VISHAY-SI8901EDB Datasheet
220Kb / 3P
Bi-Directional P-Channel 20-V (D-S) MOSFET
19-Apr-04
SI6901DQ VISHAY-SI6901DQ Datasheet
193Kb / 3P
Bi-Directional P-Channel 12-V (D-S) MOSFET
23-May-04
SI8900EDB VISHAY-SI8900EDB Datasheet
56Kb / 5P
Bi-Directional N-Channel 20-V (D-S) MOSFET
26-Aug-02
SI8901EDB VISHAY-SI8901EDB_06 Datasheet
190Kb / 4P
Bi-Directional P-Channel 20-V (D-S) MOSFET
23-Jan-06
SI8902EDB VISHAY-SI8902EDB_06 Datasheet
193Kb / 4P
Bi-Directional N-Channel 20-V (D-S) MOSFET
23-Jan-06
SI8902EDB VISHAY-SI8902EDB_08 Datasheet
205Kb / 9P
Bi-Directional N-Channel 20-V (D-S) MOSFET
22-Dec-08
SI8902EDB VISHAY-SI8902EDB_V01 Datasheet
249Kb / 10P
Bi-Directional N-Channel 20 V (D-S) MOSFET
25-May-15
SI8904EDB VISHAY-SI8904EDB_V01 Datasheet
103Kb / 6P
Bi-Directional N-Channel 30-V (D-S) MOSFET
08-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com