Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3703 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS3703 Datasheet PDF - Texas Instruments
Part # TPS3703
Download  TPS3703 Download
File Size   2859.39 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3703-Q1 Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset

TPS3703 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS3703 Datasheet PDF - Texas Instruments

Part # TPS3703
Download  TPS3703 Click to download

File Size   2859.39 Kbytes
Page   37 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS3703-Q1 Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset

TPS3703 Datasheet (HTML) - Texas Instruments


TPS3703 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
– Device HBM ESD classification level 2
– Device CDM ESD classification level C7B
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Input voltage range: 1.7 V to 5.5 V
• Undervoltage lockout (UVLO): 1.7 V
• Low quiescent current: 7 μA (Max)
• High threshold accuracy:
– ± 0.25% (typical)
– ± 0.7% (–40°C to +125°C)
• Fixed window threshold levels
– 50-mV steps from 500 mV to 1.3 V
– 1.5 V, 1.8 V, 2.5 V, 2.8 V, 2.9 V 3.3 V, 5 V
– Available in UV threshold only
– Window tolerance available from ±3% to ±7%
• User adjustable voltage threshold levels
• Internal glitch immunity and hysteresis
• Fixed time delay options: 50 μs, 1 ms, 5 ms, 10
ms, 20 ms, 100 ms, 200 ms
• Programmable time delay option with a single
external capacitor
• Open-drain active low UV and OV monitor
• RESET voltage latching output mode




Similar Part No. - TPS3703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3703 TI1-TPS3703 Datasheet
1Mb / 33P
TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI1-TPS3703 Datasheet
1Mb / 33P
TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703 Datasheet
2Mb / 36P
TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703 Datasheet
3Mb / 40P
TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703 Datasheet
2Mb / 37P
Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
More results


Similar Description - TPS3703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3703-Q1 TI1-TPS3703-Q1 Datasheet
1Mb / 27P
Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI1-TPS3703-Q1_19 Datasheet
1Mb / 27P
Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI1-TPS3703-Q1_V01 Datasheet
1Mb / 34P
TPS3703-Q1 Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3870-Q1 TI1-TPS3870-Q1 Datasheet
592Kb / 26P
TPS3870-Q1 Overvoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI1-TPS3703-Q1_V02 Datasheet
1Mb / 36P
TPS3703-Q1 Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI1-TPS3703 Datasheet
1Mb / 33P
TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI1-TPS3703_V01 Datasheet
1Mb / 33P
TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V02 Datasheet
2Mb / 36P
TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V03 Datasheet
3Mb / 40P
TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI-TPS3703-Q1_V03 Datasheet
2Mb / 37P
Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com