| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NSS1C201LT1G
|
107Kb / 5P |
100 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2008 ??Rev. 0 |
|
NSS1C201MZ4
|
122Kb / 6P |
100 V, 2.0 A, Low VCE(sat) NPN Transistor
November, 2008 ??Rev. 0 |
|
NSS40301MZ4
|
114Kb / 6P |
Bipolar Power Transistors 40 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2010 ??Rev. 1 |
|
NSS1C301ET4G
|
83Kb / 5P |
100 V, 3.0 A, Low VCE(sat) NPN Transistor
September, 2013 ??Rev. 3 |
|
NSS1C201L
|
78Kb / 6P |
100 V, 3.0 A, Low VCE(sat) Transistor
December, 2014 ??Rev. 5 |
|
NSS1C201MZ4
|
106Kb / 6P |
100 V, 2.0 A, Low VCE(sat) NPN Transistor
September, 2010 ??Rev. 2 |
|
NSS1C301ET4G
|
116Kb / 5P |
100 V, 3.0 A, Low VCE(sat) NPN Transistor
January, 2014 ??Rev. 4 |
|
NSS1001CL
|
384Kb / 7P |
Bipolar Transistor -100 V, -2.5 A, Low VCE(sat) PNP Single LFPAK
February, 2022 ??Rev. 0 |
|
NSVS50030SB3
|
169Kb / 7P |
Bipolar Transistor (-)50 V, (-)3 A, Low VCE(sat), (PNP)NPN Single
December, 2018 ??Rev. 1 |
|
NSV1C300CT
|
292Kb / 7P |
Bipolar Power Transistors 100 V, 3.0 A, Low VCE(sat) PNP Transistor
February, 2021 - Rev. 0 |