Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190270120 Datasheet (PDF) - Molex Electronics Ltd.

0190270120 Datasheet PDF - Molex Electronics Ltd.
Part # 0190270120
Download  0190270120 Download
File Size   38.92 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description ATP Crimp Dies for Versakrimp 8 AWG Ring Tongue Terminals, for Stripped Magnet or Steel 6 AWG Wire

0190270120 Datasheet (PDF)

Go To PDF Page Download Datasheet
0190270120 Datasheet PDF - Molex Electronics Ltd.

Part # 0190270120
Download  0190270120 Click to download

File Size   38.92 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description ATP Crimp Dies for Versakrimp 8 AWG Ring Tongue Terminals, for Stripped Magnet or Steel 6 AWG Wire

0190270120 Datasheet (HTML) - Molex Electronics Ltd.


0190270120 Product details

General
Product Family Application Tooling
Series 207126
Comments The Crimp Tape Module 640162000 is a base unit
that will work like an applicator in a Molex TM-3000
638017200 , 638017300 industry standard crimp press
or the Molex TM-4000 638017600 industry standard
crimp press. The Crimp Tape Module will accept all
ATP-301 and ATP-201 style crimp dies. This Crimp
Tape Module will allow customers to process most of
Molex’s Mylar Tape product from 2 AWG uninsulated
and 4 AWG insulated products and up. The Crimp Tape
Module will NOT work in any other industry standard
crimp press or wire process machine. These ATP-301
style die sets can be used in the older style suitcase
presses.
Function Crimp
Geographic Area Global
Level of Automation Semi-Automatic
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name ETC
Tool Type Crimp Module
UPC 800753041196




Similar Part No. - 0190270120

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190270121 MOLEX-0190270121 Datasheet
24Kb / 1P
Conductor Anvil (Lower) for ATP Press that Process Product on Tape
08/25/2022
0190270122 MOLEX-0190270122 Datasheet
33Kb / 1P
Conductor Punch (Upper) for ATP Press that Process Product on Tape
08/25/2022
0190270123 MOLEX-0190270123 Datasheet
34Kb / 1P
ATP Perishable Tool Kit used in ATP presses that process product on tape
01/25/2022
0190270124 MOLEX-0190270124 Datasheet
23Kb / 1P
Conductor Anvil (Lower) for ATP Press that Process Product on Tape
07/30/2021
0190270126 MOLEX-0190270126 Datasheet
44Kb / 2P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
02/09/2017
More results


Similar Description - 0190270120

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191930238 MOLEX4-0191930238 Datasheet
87Kb / 3P
VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
0191930251 MOLEX4-0191930251 Datasheet
88Kb / 3P
VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
0191930159 MOLEX4-0191930159 Datasheet
86Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930229 MOLEX4-0191930229 Datasheet
91Kb / 3P
VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
0191930171 MOLEX4-0191930171 Datasheet
87Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930243 MOLEX4-0191930243 Datasheet
88Kb / 3P
VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
0191930186 MOLEX4-0191930186 Datasheet
94Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0190270105 MOLEX-0190270105 Datasheet
39Kb / 2P
ATP Crimp Dies for VersaKrimp High Temperature Nickel Plated Steel Terminals on Tape, 8 AWG
11/02/2021
0190270111 MOLEX-0190270111 Datasheet
38Kb / 2P
ATP Crimp Dies for VersaKrimp Copper Ring Tongue Terminals And Butt Splices on Tape, 8 AWG
11/02/2021
0190270117 MOLEX-0190270117 Datasheet
38Kb / 2P
ATP Crimp Dies for VersaKrimp Ring Tongue Terminals, for Solid Copper or Steel Wire (Anti Rotation)
01/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com