Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GV2G445 Datasheet (PDF) - Schneider Electric

GV2G445 Datasheet PDF - Schneider Electric
Part # GV2G445
Download  GV2G445 Download
File Size   79.93 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Linergy FT - Comb busbar - 63 A - 4 tap-offs - 45 mm pitch

GV2G445 Datasheet (PDF)

Go To PDF Page Download Datasheet
GV2G445 Datasheet PDF - Schneider Electric

Part # GV2G445
Download  GV2G445 Click to download

File Size   79.93 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Linergy FT - Comb busbar - 63 A - 4 tap-offs - 45 mm pitch

GV2G445 Datasheet (HTML) - Schneider Electric


GV2G445 Product details

Main
Range Linergy
Product name FT
Device short name GV2G
Product or Component Type Comb busbar
Accessory / separate part
category
Connection accessory
Poles description 3P
Range compatibility TeSys D
TeSys GV2
TeSys K
TeSys U




Similar Part No. - GV2G445

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GV2G445 SCHNEIDER-GV2G445 Datasheet
3Mb / 64P
Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
GV2G445 SCHNEIDER-GV2G445 Datasheet
10Mb / 48P
Variable speed drives Altivar Machine
March 2017 - V4.0
More results


Similar Description - GV2G445

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
A9XPH312 SCHNEIDER-A9XPH312 Datasheet
67Kb / 2P
Acti 9 - comb busbar - 3L - 18 mm pitch - 12 modules - 100A
Aug 11, 2019
GV2G345 SCHNEIDER-GV2G345 Datasheet
90Kb / 1P
Linergy FT - Comb busbar - 63 A - 3 tap-offs - 45 mm pitch
Aug 15, 2019
GV2G245 SCHNEIDER-GV2G245 Datasheet
119Kb / 3P
Linergy FT - Comb busbar - 63 A - 2 tap-offs - 45 mm pitch
May 13, 2022
GV2G254 SCHNEIDER-GV2G254 Datasheet
115Kb / 3P
Linergy FT - Comb busbar - 63 A - 2 tap-offs - 54 mm pitch
May 13, 2022
GV2G272 SCHNEIDER-GV2G272 Datasheet
107Kb / 3P
Linergy FT - Comb busbar - 63 A - 2 tap-offs - 72 mm pitch
May 13, 2022
GV2G354 SCHNEIDER-GV2G354 Datasheet
98Kb / 3P
Linergy FT - Comb busbar - 63 A - 3 tap-offs - 54 mm pitch
May 13, 2022
GV2G454 SCHNEIDER-GV2G454 Datasheet
96Kb / 3P
Linergy FT - Comb busbar - 63 A - 4 tap-offs - 54 mm pitch
May 13, 2022
GV2G472 SCHNEIDER-GV2G472 Datasheet
94Kb / 3P
Linergy FT - Comb busbar - 63 A - 4 tap-offs - 72 mm pitch
May 13, 2022
GV2G554 SCHNEIDER-GV2G554 Datasheet
90Kb / 3P
Linergy FT - Comb busbar - 63 A - 5 tap-offs - 54 mm pitch
May 13, 2022
GV2G345 SCHNEIDER-GV2G345_V01 Datasheet
112Kb / 2P
Linergy FT - Comb busbar - 63 A - 3 tap-offs - 45 mm pitch
Jun 7, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com