Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1029X Datasheet (PDF) - Vishay Siliconix

SI1029X Datasheet PDF - Vishay Siliconix
Part # SI1029X
Download  SI1029X Download
File Size   164.59 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Complementary N- and P-Channel 60 V (D-S) MOSFET

SI1029X Datasheet (PDF)

Go To PDF Page Download Datasheet
SI1029X Datasheet PDF - Vishay Siliconix

Part # SI1029X
Download  SI1029X Click to download

File Size   164.59 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Complementary N- and P-Channel 60 V (D-S) MOSFET

SI1029X Datasheet (HTML) - Vishay Siliconix


SI1029X Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFETs
• Very Small Footprint
• High-Side Switching
• Low On-Resistance:
N-Channel, 1.40 Ω
P-Channel, 4 Ω
• Low Threshold: ± 2 V (typ.)
• Fast Switching Speed: 15 ns (typ.)
• Gate-Source ESD Protected: 2000 V
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Ease in Driving Switches
• Low Offset (Error) Voltage
• Low-Voltage Operation
• High-Speed Circuits

APPLICATIONS
• Replace Digital Transistor, Level-Shifter
• Battery Operated Systems
• Power Supply Converter Circuits




Similar Part No. - SI1029X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1029X VISHAY-SI1029X Datasheet
131Kb / 8P
Complementary N- and P-Channel 60-V (D-S) MOSFET
24-Mar-08
SI1029X VISHAY-SI1029X Datasheet
130Kb / 8P
Complementary N- and P-Channel 60-V (D-S) MOSFET
24-Mar-08
SI1029X VISHAY-SI1029X Datasheet
135Kb / 10P
Complementary N- and P-Channel 60 V (D-S) MOSFET
25-Oct-10
logo
Vishay Telefunken
SI1029X TFUNK-SI1029X Datasheet
161Kb / 10P
Complementary N- and P-Channel 60 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
SI1029X TECHPUBLIC-SI1029X Datasheet
1Mb / 4P
N- and P-Channel 60 V (D-S) MOSFET
More results


Similar Description - SI1029X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1029X VISHAY-SI1029X Datasheet
131Kb / 8P
Complementary N- and P-Channel 60-V (D-S) MOSFET
24-Mar-08
SI1029X VISHAY-SI1029X_08 Datasheet
130Kb / 8P
Complementary N- and P-Channel 60-V (D-S) MOSFET
24-Mar-08
SI1029X VISHAY-SI1029X_10 Datasheet
135Kb / 10P
Complementary N- and P-Channel 60 V (D-S) MOSFET
25-Oct-10
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
N- and P-Channel 60-V (D-S) MOSFET
09-Mar-09
SI1029X-T1 VISHAY-SI1029X-T1 Datasheet
113Kb / 8P
Complementary N- and P-Channel 60-V (D-S) MOSFET
24-Mar-08
logo
Vishay Telefunken
SI1029X TFUNK-SI1029X Datasheet
161Kb / 10P
Complementary N- and P-Channel 60 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SSG4543C VBSEMI-SSG4543C Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
STM8455 VBSEMI-STM8455 Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
STM8458 VBSEMI-STM8458 Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
STM8450A VBSEMI-STM8450A Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com