Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPL65R130CFD7 Datasheet (PDF) - Infineon Technologies AG

IPL65R130CFD7 Datasheet PDF - Infineon Technologies AG
Part # IPL65R130CFD7
Download  IPL65R130CFD7 Download
File Size   1394.94 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V CoolMOS짧 CFD7 SJ Power Device

IPL65R130CFD7 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPL65R130CFD7 Datasheet PDF - Infineon Technologies AG

Part # IPL65R130CFD7
Download  IPL65R130CFD7 Click to download

File Size   1394.94 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V CoolMOS짧 CFD7 SJ Power Device

IPL65R130CFD7 Datasheet (HTML) - Infineon Technologies AG


IPL65R130CFD7 Product details

MOSFET
650V CoolMOSª CFD7 SJ Power Device
The latest 650 V CoolMOS™ CFD7 extends the voltage class offering of
the CFD7 family and is a successor to the 650 V CoolMOS™ CFD2.
Resulting from improved switching performance and excellent thermal
behavior, 650 V CooMOS™ CFD7 offers highest efficiency in resonant
switching topologies, such as LLC and phase-shift-full-bridge (ZVS). As
part of Infineon’s fast body diode portfolio, this new product series blends
all advantages of a fast switching technology together with superior hard
commutation robustness. The CoolMOS™ CFD7 technology meets
highest efficiency and reliability standards and furthermore supports high
power density solutions.
Features
• Ultra-fast body diode
• 650V break down voltage
• Best-in-class RDS(on)
• Reduced switching losses
• Low RDS(on) dependency over temperature




Similar Part No. - IPL65R130CFD7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL65R130C7 INFINEON-IPL65R130C7 Datasheet
1Mb / 15P
650V CoolMOS??C7 Power Transistor
Rev.2.0,2013-04-29
More results


Similar Description - IPL65R130CFD7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPZA65R029CFD7 INFINEON-IPZA65R029CFD7 Datasheet
1Mb / 14P
650V CoolMOS짧 CFD7 SJ Power Device
Rev.2.1,2020-08-12
IPW65R029CFD7 INFINEON-IPW65R029CFD7 Datasheet
1Mb / 14P
650V CoolMOS짧 CFD7 SJ Power Device
Rev.2.1,2020-07-31
IPW65R110CFD7 INFINEON-IPW65R110CFD7 Datasheet
1Mb / 14P
650V CoolMOS짧 CFD7 SJ Power Device
Rev.2.0,2020-10-28
IPW65R155CFD7 INFINEON-IPW65R155CFD7 Datasheet
1Mb / 14P
650V CoolMOS짧 CFD7 SJ Power Device
Rev.2.0,2020-10-27
IPB65R125CFD7 INFINEON-IPB65R125CFD7 Datasheet
1Mb / 14P
650V CoolMOS짧 CFD7 SJ Power Device
Rev.2.0,2020-10-19
IPW65R060CFD7 INFINEON-IPW65R060CFD7 Datasheet
1Mb / 14P
650V CoolMOS짧 CFD7 SJ Power Device
Rev.2.1,2020-08-12
IPB65R110CFD7 INFINEON-IPB65R110CFD7 Datasheet
1Mb / 14P
650V CoolMOS짧 CFD7 SJ Power Device
Rev.2.0,2020-10-21
IPB65R155CFD7 INFINEON-IPB65R155CFD7 Datasheet
1Mb / 14P
650V CoolMOS짧 CFD7 SJ Power Device
Rev.2.0,2020-10-19
IPP65R041CFD7 INFINEON-IPP65R041CFD7 Datasheet
1Mb / 14P
650V CoolMOS짧 CFD7 SJ Power Device
Rev.2.1,2020-08-12
IPB65R090CFD7 INFINEON-IPB65R090CFD7 Datasheet
1Mb / 14P
650V CoolMOS짧 CFD7 SJ Power Device
Rev.2.0,2020-10-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com