Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7425111 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

7425111 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 7425111
Download  7425111 Download
File Size   208.6 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Earthing Metal Clip

7425111 Datasheet (PDF)

Go To PDF Page Download Datasheet
7425111 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7425111
Download  7425111 Click to download

File Size   208.6 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Earthing Metal Clip

7425111 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


7425111 Product details

General Information:
Operating Temperature -40 up to +105 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 7425111

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7425103 WURTH-7425103 Datasheet
210Kb / 3P
Earthing Metal Clip
001.000
7425104 WURTH-7425104 Datasheet
209Kb / 3P
Earthing Metal Clip
001.000
7425106 WURTH-7425106 Datasheet
211Kb / 3P
Earthing Metal Clip
001.000
7425107 WURTH-7425107 Datasheet
208Kb / 3P
Earthing Metal Clip
001.000
7425108 WURTH-7425108 Datasheet
210Kb / 3P
Earthing Metal Clip
001.001
More results


Similar Description - 7425111

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74277005 WURTH-74277005 Datasheet
36Kb / 1P
Metal Spring Clip
74277006 WURTH-74277006 Datasheet
35Kb / 1P
Metal Spring Clip
74273701 WURTH-74273701 Datasheet
207Kb / 2P
Earthing Belt
74273703 WURTH-74273703 Datasheet
203Kb / 2P
Earthing Belt
7425103 WURTH-7425103 Datasheet
210Kb / 3P
Earthing Metal Clip
001.000
7425104 WURTH-7425104 Datasheet
209Kb / 3P
Earthing Metal Clip
001.000
7425106 WURTH-7425106 Datasheet
211Kb / 3P
Earthing Metal Clip
001.000
7425107 WURTH-7425107 Datasheet
208Kb / 3P
Earthing Metal Clip
001.000
7425109 WURTH-7425109 Datasheet
210Kb / 3P
Earthing Metal Clip
001.000
7425108 WURTH-7425108 Datasheet
210Kb / 3P
Earthing Metal Clip
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com