Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3062090 Datasheet (PDF) - PHOENIX CONTACT

3062090 Datasheet PDF - PHOENIX CONTACT
Part # 3062090
Download  3062090 Download
File Size   261.76 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Support bracket - AB-SK TOP

3062090 Datasheet (PDF)

Go To PDF Page Download Datasheet
3062090 Datasheet PDF - PHOENIX CONTACT

Part # 3062090
Download  3062090 Click to download

File Size   261.76 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Support bracket - AB-SK TOP

3062090 Datasheet (HTML) - PHOENIX CONTACT


3062090 Product details

Support bracket, Bracket for busbars, set every 20 cm, length: 102.4 mm, width: 5.2 mm, number of positions:1, color: gray

Your advantages
For mounting SK and SKS shield connection clamps
Can be labeled with zack marker strip and KLM terminal strip markers
Compact design with 5.2 mm pitch
For user-friendly shield connection, especially for single and multi-level terminal blocks and devices with a front connection
The 3 x 10 mm rail can be mounted in the supports vertically, horizontally, and at a 45° angle for optimum conductor placement
End bracket function
Parking option for FBS plug-in bridges




Similar Part No. - 3062090

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
306209-1 TEC-306209-1 Datasheet
315Kb / 5P
Hydraulic Hand Crimping Tool
306209-2 TEC-306209-2 Datasheet
298Kb / 6P
Hydraulic Crimping Head, PN 69067
306209-3 TEC-306209-3 Datasheet
446Kb / 4P
Hydraulic Hand Crimping Tool
logo
Tyco Electronics
306209-4 MACOM-306209-4 Datasheet
237Kb / 5P
Remove protective dust caps from both quick connect/disconnect couplers
306209-4 MACOM-306209-4 Datasheet
132Kb / 4P
Hydraulic Crimping
More results


Similar Description - 3062090

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CSB-1351 BUD-CSB-1351 Datasheet
38Kb / 1P
ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
logo
PHOENIX CONTACT
3025888 PHOENIX-3025888 Datasheet
64Kb / 3P
Support bracket - AB/SS-M
09/12/2020
3037669 PHOENIX-3037669 Datasheet
55Kb / 3P
Support bracket - AB-STI 16/10
09/12/2020
3040889 PHOENIX-3040889 Datasheet
61Kb / 3P
Support bracket - AB-SK 65-D INSULATED
09/12/2020
3025341 PHOENIX-3025341 Datasheet
82Kb / 3P
AB-SK
Jan 24, 2011
3026489 PHOENIX-3026489 Datasheet
155Kb / 3P
Support bracket - AB-SK 65
02/04/2022
3213218 PHOENIX-3213218 Datasheet
58Kb / 3P
Support bracket - UHV 50 PEDESTAL
09/12/2020
3062087 PHOENIX-3062087 Datasheet
66Kb / 3P
Support bracket - AB-SK-D TOP INSULATED
09/12/2020
3240223 PHOENIX-3240223 Datasheet
53Kb / 2P
Support bracket - AB-SKS 60
06.11.2013
3240224 PHOENIX-3240224 Datasheet
319Kb / 3P
Support bracket - AB/SKS
05/06/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com