Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1241 Datasheet (PDF) - Analog Devices

ADUM1241 Datasheet PDF - Analog Devices
Part # ADUM1241
Download  ADUM1241 Download
File Size   491.21 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower, Dual-Channel Digital Isolators

ADUM1241 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM1241 Datasheet PDF - Analog Devices

Part # ADUM1241
Download  ADUM1241 Click to download

File Size   491.21 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micropower, Dual-Channel Digital Isolators

ADUM1241 Datasheet (HTML) - Analog Devices


ADUM1241 Product details

GENERAL DESCRIPTION
The ADuM1240/ADuM1241/ADuM1245/ADuM12461 are
micropower, 2-channel, digital isolators based on the Analog
Devices, Inc., iCoupler® technology. Combining high speed,
complementary metal oxide semiconductor (CMOS) and
monolithic air core transformer technologies, these isolation
components provide outstanding performance characteristics
superior to the alternatives, such as optocoupler devices.
The 20-lead SSOP version of the ADuM1240/ADuM1241/
ADuM1245/ADuM1246 allows control of the internal refresh
functions. As shown in Figure 3, in standard operating mode,
when ENx = 0 (internal refresh enabled), the current per channel is
less than 10 μA. When ENx = 1 (internal refresh disabled), the current per
channel drops to less than 1 μA.
The ADuM1240/ADuM1241/ADuM1245/ADuM1246 are
packaged in either a 20-lead SSOP for 3.75 kV reinforced
isolation or an 8-lead SOIC for 3 kV basic isolation. The devices
meet regulatory requirements, such as UL and CSA standards.
In addition to the space saving package options, the ADuM1240/
ADuM1241/ADuM1245/ADuM1246 operate with supplies as
low as 2.25 V. All models provide low, pulse width distortion at
<8 ns. In addition, every model has an input glitch filter to
protect against extraneous noise disturbances.

FEATURES
Ultralow power operation
3.3 V operation
5.6 μA per channel quiescent current, refresh enabled
0.3 μA per channel quiescent current, refresh disabled
148 μA/Mbps per channel typical dynamic current
2.5 V operation
3.1 μA per channel quiescent current, refresh enabled
0.1 μA per channel quiescent current, refresh disabled
116 μA/Mbps per channel typical dynamic current
Small, 20-lead SSOP package and small 8-lead SOIC package
Bidirectional communication
Up to 2 Mbps data rate nonreturn to zero (NRZ)
High temperature operation: 125°C
High common-mode transient immunity: >25 kV/μs
Safety and Regulatory Approvals
UL 1577 component recognition program
3750 V rms for 1 minute per UL 1577 (20-lead SSOP)
3000 V rms for 1 minute per UL 1577 (8-lead SOIC)
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
VIORM = 849 V peak (20-lead SSOP)
VIORM = 560 V peak (8-lead SOIC)

APPLICATIONS
General-purpose, low power, multichannel isolation
1 MHz low power serial peripheral interface (SPI)
4 mA to 20 mA loop process control




Similar Part No. - ADUM1241

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM1241ARSZ AD-ADuM1241ARSZ Datasheet
470Kb / 24P
Micropower, Dual-Channel Digital Isolators
REV. A
ADuM1241ARSZ-RL7 AD-ADuM1241ARSZ-RL7 Datasheet
470Kb / 24P
Micropower, Dual-Channel Digital Isolators
REV. A
ADuM1241ARZ AD-ADuM1241ARZ Datasheet
470Kb / 24P
Micropower, Dual-Channel Digital Isolators
REV. A
ADuM1241ARZ-RL7 AD-ADuM1241ARZ-RL7 Datasheet
470Kb / 24P
Micropower, Dual-Channel Digital Isolators
REV. A
More results


Similar Description - ADUM1241

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
Dual-Channel Digital Isolators
9/04-Data Sheet Changed from Rev. A to Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1440 AD-ADUM1440 Datasheet
440Kb / 24P
Micropower Quad-Channel Digital Isolators
REV. 0
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
Dual Channel Digital Isolators
logo
Analog Devices
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
Micropower, Dual-Channel Digital Isolators
REV. A
ADUM1440 AD-ADUM1440_V01 Datasheet
465Kb / 25P
Micropower Quad-Channel Digital Isolators
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com