Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM220N Datasheet (PDF) - Analog Devices

ADUM220N Datasheet PDF - Analog Devices
Part # ADUM220N
Download  ADUM220N Download
File Size   700.55 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.0 kV RMS Dual Channel Digital Isolators

ADUM220N Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM220N Datasheet PDF - Analog Devices

Part # ADUM220N
Download  ADUM220N Click to download

File Size   700.55 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.0 kV RMS Dual Channel Digital Isolators

ADUM220N Datasheet (HTML) - Analog Devices


ADUM220N Product details

GENERAL DESCRIPTION
The ADuM220N/ADuM221N/ADuM225N/ADuM226N1 are
dual-channel digital isolators based on Analog Devices, Inc.,
iCoupler® technology. Combining high speed, complementary
metal-oxide semiconductor (CMOS) and monolithic air core
transformer technology, these isolation components provide
outstanding performance characteristics superior to alternatives
such as optocoupler devices and other integrated couplers. The
maximum propagation delay is 13 ns with a pulse width distortion
(PWD) of less than 3 ns at 5 V operation. Channel matching is
tight at 3.0 ns maximum.
The ADuM220N/ADuM221N/ADuM225N/ADuM226N data
channels are independent and are available in a variety of
configurations with a withstand voltage rating of 5.0 kV rms (see
the Ordering Guide). The devices operate with the supply voltage
on either side ranging from 1.8 V to 5 V, providing compatibility
with lower voltage systems as well as enabling voltage translation
functionality across the isolation barrier. Unlike other optocoupler
alternatives, dc correctness is ensured in the absence of input logic
transitions. Two different fail-safe options are available, in which
the outputs transition to a predetermined state when the input
power supply is not applied or the inputs are disabled. The
ADuM220N0 is pin compatible with the ADuM2210 RW-16
package. The ADuM220N1 is pin compatible with the
ADuM2200 RW-16 package. The ADuM221N0 is pin compatible
with the ADuM2211 RW-16 package. The ADuM221N1 is
pin compatible with the ADuM2201 RW-16 package.

FEATURES
High common-mode transient immunity: 100 kV/μs
High robustness to radiated and conducted noise
Low propagation delay: 13 ns maximum for 5 V operation,
15 ns maximum for 1.8 V operation
150 Mbps maximum data rate
Safety and regulatory approvals (pending)
UL recognition: 5000 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 849 V peak
10,000 V peak surge/impulse voltage rating
CQC Certification per GB4943.1-2011
Low dynamic power consumption
1.8 V to 5 V level translation
High temperature operation: 125°C maximum
Fail-safe high or low options
8-lead/16-lead, RoHS compliant SOIC packages
Qualified for automotive applications

APPLICATIONS
General-purpose multichannel isolation
Industrial field bus isolation
Automotive systems




Similar Part No. - ADUM220N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. 0
ADuM220N0BRWZ AD-ADuM220N0BRWZ Datasheet
481Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. 0
ADuM220N0BRWZ-RL AD-ADuM220N0BRWZ-RL Datasheet
481Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. 0
ADuM220N1BRWZ AD-ADuM220N1BRWZ Datasheet
481Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. 0
ADuM220N1BRWZ-RL AD-ADuM220N1BRWZ-RL Datasheet
481Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. 0
More results


Similar Description - ADUM220N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
5.0 kV rms Quad Digital Isolators
REV. 0
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
3.0 kV rms, Dual-Channel Digital Isolators
REV. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
REV. A
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. 0
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
5.0 kV RMS Triple Channel Digital Isolators
REV. A
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
5 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
5 kV RMS Dual Channel Digital Isolators
Rev. A
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com