Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC466 Datasheet (PDF) - Vishay Siliconix

SIC466 Datasheet PDF - Vishay Siliconix
Part # SIC466
Download  SIC466 Download
File Size   942.32 Kbytes
Page   24 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter

SIC466 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC466 Datasheet PDF - Vishay Siliconix

Part # SIC466
Download  SIC466 Click to download

File Size   942.32 Kbytes
Page   24 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter

SIC466 Datasheet (HTML) - Vishay Siliconix


SIC466 Product details

FEATURES
• Versatile
- Single supply operation from 4.5 V to 60 V
input voltage
- Adjustable output voltage down to 0.8 V
- Scalable solution 2 A (SiC469), 4 A (SiC468),
6 A (SiC467), 10 A (SiC466)
- Output voltage tracking and sequencing with
pre-bias start up
- ± 1 % output voltage accuracy at -40 °C to +125 °C
• Internal compensation
• Highly efficient
- 98 % peak efficiency
- 4 μA supply current at shutdown
- 156 μA operating current not switching
• Highly configurable
- Adjustable switching frequency from 100 kHz to 2 MHz
- Adjustable soft start and selectable preset 100 %, 75 %,
and 50 % current limit
- 2 modes of operation, forced continuous conduction,
power save
• Robust and reliable
- Output over voltage protection
- Output under voltage / short circuit protection with auto
retry
- Power good flag and over temperature protection
- Supported by Vishay PowerCAD online design
simulation
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Industrial and automation
• Home automation
• Industrial and server computing
• Networking, telecom, and base station power supplies
• Wall transformer regulation
• Robotics
• High end hobby electronics: remote control cars, planes,
and drones
• Battery management systems
• Power tools
• Vending, ATM, and slot machines

DESCRIPTION
The SiC46x is a family of wide input voltage high efficiency
synchronous buck regulators with integrated high side and
low side power MOSFETs. Its power stage is capable of
supplying high continuous current at up to 2 MHz switching
frequency. This regulator produces an adjustable output
voltage down to 0.8 V from 4.5 V to 60 V input rail
to accommodate a variety of applications, including
computing, consumer electronics, telecom, and industrial.
SiC46x’s architecture delivers ultrafast transient response
with minimum output capacitance and tight ripple regulation
at very light load. The device is internally compensated and
is stable with any capacitor. No external ESR network is
required for loop stability purpose. The device also
incorporates a power saving scheme that significantly
increases light load efficiency. The regulator integrates a full
protection feature set, including over current protection
(OCP), output overvoltage protection (OVP), short circuit
protection (SCP), output undervoltage protection (UVP) and
thermal shutdown (OTP). It also has UVLO for input rail and
a user programmable soft start.
The SiC46x family is available in 2 A, 4 A, 6 A, 10 A pin
compatible 5 mm by 5 mm lead (Pb)-free power enhanced
MLP55-27L package.




Similar Part No. - SIC466

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC461 VISHAY-SIC461 Datasheet
748Kb / 28P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter
29-Nov-2021
SiC461ED-T1-GE3 VISHAY-SiC461ED-T1-GE3 Datasheet
1Mb / 29P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
16-Apr-18
SIC461ED-T1-GE3 VISHAY-SIC461ED-T1-GE3 Datasheet
748Kb / 28P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter
29-Nov-2021
SiC461EVB VISHAY-SiC461EVB Datasheet
1Mb / 29P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
16-Apr-18
SIC461EVB VISHAY-SIC461EVB Datasheet
748Kb / 28P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter
29-Nov-2021
More results


Similar Description - SIC466

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
logo
Vishay Siliconix
SIC46X VISHAY-SIC46X Datasheet
1Mb / 29P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
16-Apr-18
SIC450 VISHAY-SIC450_V01 Datasheet
1Mb / 48P
4.5 V to 20 V Input, 15 A, 25 A, 40 A microBuck® DC/DC Converter With PMBus Interface
08-Mar-2021
SIC464 VISHAY-SIC464_V01 Datasheet
748Kb / 28P
4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A microBUCK® DC/DC Converter
29-Nov-2021
SIC474 VISHAY-SIC474 Datasheet
779Kb / 26P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
04-Jul-2018
SIC479 VISHAY-SIC479 Datasheet
947Kb / 24P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
06-Dec-2021
SIC471 VISHAY-SIC471_V01 Datasheet
708Kb / 25P
4.5 V to 55 V Input, 3 A, 5 A, 8 A, 12 A microBUCK® DC/DC Converter
29-Nov-2021
SIC967 VISHAY-SIC967 Datasheet
883Kb / 20P
4.5 V to 60 V Input, 6 A, microBRICKTM DC/DC Converter
18-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com