Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33HB2002ES Datasheet (PDF) - NXP Semiconductors

MC33HB2002ES Datasheet PDF - NXP Semiconductors
Part # MC33HB2002ES
Download  MC33HB2002ES Download
File Size   3826.54 Kbytes
Page   47 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 10 A H-bridge, SPI programmable brushed DC motor driver

MC33HB2002ES Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33HB2002ES Datasheet PDF - NXP Semiconductors

Part # MC33HB2002ES
Download  MC33HB2002ES Click to download

File Size   3826.54 Kbytes
Page   47 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 10 A H-bridge, SPI programmable brushed DC motor driver

MC33HB2002ES Datasheet (HTML) - NXP Semiconductors


MC33HB2002ES Product details

General description
The MC33HB2002 is a SMARTMOS monolithic H-Bridge Power IC, enhanced with SPI
configurability and diagnostic capabilities. It is designed primarily for DC motor or servo
motor control applications within the specified current and voltage limits.
The MC33HB2002 is similar to the MC33HB2000 device with higher overtemperature
setting and the use of current foldback for current limiting to extend fault operation range.
The MC33HB2002 is able to control inductive loads with peak currents greater than 10 A.
The nominal continuous average load current is 3.0 A. A current mirror output provides
an analog feedback signal proportional to the load current.
This part is designed to specifically address the ISO 26262 safety requirements. It meets
the stringent requirements of automotive applications and is fully AEC-Q100 grade 1
qualified.

Features and benefits
• Advanced diagnostic reporting via a serial peripheral interface (SPI): charge pump
undervoltage, overvoltage, and undervoltage on VPWR, short to ground and short
to VPWR for each output, open load, temperature warning and overtemperature
shutdown
• Thermal management: Excellent thermal resistance of <1.0 °C/W between junction and case (exposed pad)
• Eight selectable slew rates via the SPI: 0.25 V/μs to more than 16 V/μs for EMI and
thermal performance optimization
• Four selectable current limits via the SPI: 5.4/7.0/8.8/10.7 A covering a wide range of
applications
• Extended high temperature operating range with current foldback while limiting the
current
• Small footprint HVQFN 6x6mm package
• Can be operated without SPI with default slew rate of 2.0 V/μs and a 7.0 A current limit
threshold
• Highly accurate real-time current feedback through a current mirror output signal with
less than 5.0 % error
• Drives inductive loads in a full H-bridge or Half-bridge configuration
• Overvoltage protection places the load in high-side recirculation (braking) mode with
notification in H-bridge mode
• Wide operating range: 5.0 V to 28 V operation
• Low RDS(on) integrated MOSFETs: Maximum of 235 mΩ (TJ = 150 °C) for each
MOSFET
• Internal protection for overtemperature, undervoltage, and short-circuit by signaling the error condition and disabling the outputs
• I/O pins can withstand up to 36 V
• AEC-Q100 grade 1 qualified

Applications
• Electronic throttle control
• Exhaust gas recirculation control (EGR)
• Turbo, swirl and whirl and waste flap control
• Electric pumps, motor control and auxiliaries




Similar Part No. - MC33HB2002ES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33HB2000 NXP-MC33HB2000 Datasheet
3Mb / 51P
10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 6.0 ??9 August 2018
MC33HB2000EK NXP-MC33HB2000EK Datasheet
284Kb / 2P
Motor Driver Product Selector
2015-2016
MC33HB2000EK NXP-MC33HB2000EK Datasheet
3Mb / 51P
10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 6.0 ??9 August 2018
MC33HB2000FK NXP-MC33HB2000FK Datasheet
284Kb / 2P
Motor Driver Product Selector
2015-2016
MC33HB2000FK NXP-MC33HB2000FK Datasheet
3Mb / 51P
10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 6.0 ??9 August 2018
More results


Similar Description - MC33HB2002ES

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4250 MSK-MSK4250 Datasheet
321Kb / 6P
10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4251S MSK-MSK4251S Datasheet
268Kb / 6P
10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
SPI Programmable H-Bridge
Rev. 1.4, October 2014
logo
Texas Instruments
DRV8870 TI1-DRV8870_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver
logo
NXP Semiconductors
MC33HB2001FK NXP-MC33HB2001FK Datasheet
2Mb / 48P
10 A H-Bridge, SPI programmable brushed DC motor driver
Rev. 6.0-3 May 2016
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
logo
NXP Semiconductors
MC33HB2000 NXP-MC33HB2000 Datasheet
3Mb / 51P
10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 6.0 ??9 August 2018
MC33HB2001 NXP-MC33HB2001 Datasheet
2Mb / 48P
10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 9.0-9 August 2018
logo
STMicroelectronics
L9960 STMICROELECTRONICS-L9960 Datasheet
1Mb / 95P
Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
02-Feb-2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com