Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA779-G Datasheet (PDF) - Vishay Siliconix

BA779-G Datasheet PDF - Vishay Siliconix
Part # BA779-G_V01
Download  BA779-G Download
File Size   127.75 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description RF PIN Diodes

BA779-G Datasheet (PDF)

Go To PDF Page Download Datasheet
BA779-G Datasheet PDF - Vishay Siliconix

Part # BA779-G_V01
Download  BA779-G Click to download

File Size   127.75 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description RF PIN Diodes

BA779-G Datasheet (HTML) - Vishay Siliconix


BA779-G Product details

FEATURES
• Wide frequency range 10 MHz to 1 GHz
• AEC-Q101 qualified
• Base P/N-HG3 - green, automotive grade
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Current controlled HF resistance in adjustable
attenuators

MECHANICAL DATA
Case: SOT-23
Weight: approx. 8.1 mg
Packaging codes/options:
08/3K per 7" reel (8 mm tape), 15K/box




Similar Part No. - BA779-G_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
Wide frequency range 10 MHz to 1 GHz
25-Feb-13
More results


Similar Description - BA779-G_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA979 VISHAY-BA979 Datasheet
152Kb / 5P
RF PIN Diodes
26-Apr-04
BA979 VISHAY-BA979_08 Datasheet
140Kb / 5P
RF PIN Diodes
26-Apr-04
BA779-2-V-GH VISHAY-BA779-2-V-GH Datasheet
91Kb / 4P
RF PIN Diodes - Dual Series
22-Apr-10
BA779-V-GH VISHAY-BA779-V-GH Datasheet
91Kb / 4P
RF PIN Diodes
22-Apr-10
S392D-V-GH VISHAY-S392D-V-GH Datasheet
91Kb / 4P
RF PIN Diodes - Dual Series
22-Apr-10
S392D-G VISHAY-S392D-G Datasheet
98Kb / 4P
RF PIN Diodes - Dual Series
25-Feb-13
logo
Broadcom Corporation.
HSMP-3830 BOARDCOM-HSMP-3830 Datasheet
272Kb / 7P
Surface Mount RF PIN Diodes
HSMP-3833 BOARDCOM-HSMP-3833 Datasheet
272Kb / 7P
Surface Mount RF PIN Diodes
HSMP-3834 BOARDCOM-HSMP-3834 Datasheet
272Kb / 7P
Surface Mount RF PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-383X AVAGO-HSMP-383X Datasheet
272Kb / 7P
Surface Mount RF PIN Diodes
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com