Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ3003-01G.R7G Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ3003-01G.R7G Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ3003-01G.R7G
Download  AZ3003-01G.R7G Download
File Size   130.62 Kbytes
Page   5 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Surge/Transient Protection

AZ3003-01G.R7G Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ3003-01G.R7G Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ3003-01G.R7G
Download  AZ3003-01G.R7G Click to download

File Size   130.62 Kbytes
Page   5 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Surge/Transient Protection

AZ3003-01G.R7G Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ3003-01G.R7G Product details

Features
 ESD/Surge Protection for 1 Line with
Unidirectional.
 Provide ESD protection for each line to
IEC 61000-4-2 (ESD) ±30kV (air / contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 65A (8/20μs)
 Suitable for, 3.3V and below, operating
voltage applications
 Small package saves board space
 Protect one I/O line or one power line
 Fast turn-on and Low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
Applications
 Battery Contacts
 Power Manager System
 PDA’s
 Portable Devices
 Digital Cameras
 Digital Frames
 Cellular Handsets and Accessories
 Notebooks, desktops, and servers
 Microprocessor-based equipment
 Peripherals
Description
AZ3003-01G is a design which includes a
unidirectional ESD rated clamping cell to protect
one power line, or one control line, or one low
speed data line in an electronic systems. The
AZ3003-01G has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage and latch-up caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), Lightning, and Cable
Discharge Event (CDE).
AZ3003-01G is a unique design which
includes proprietary clamping cell in a single
package.
During transient conditions, the proprietary
clamping cell prevents over-voltage on the power
line or control/data lines, protecting any
downstream components.
AZ3003-01G may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ3003-01G.R7G

ManufacturerPart #DatasheetDescription
logo
K.A. Schmersal GmbH & C...
AZ300-B1 SCHMERSAL-AZ300-B1 Datasheet
301Kb / 3P
3 different directions of actuation
10/29/2023
logo
AMAZING Microelectronic...
AZ3005-01G AMAZING-AZ3005-01G Datasheet
130Kb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2014/07/30
AZ3005-01G.R7G AMAZING-AZ3005-01G.R7G Datasheet
130Kb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2014/07/30
More results


Similar Description - AZ3003-01G.R7G

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ5B85-01B AMAZING-AZ5B85-01B Datasheet
286Kb / 7P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2016/03/16
AZ4008-01G AMAZING-AZ4008-01G Datasheet
1Mb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/08
AZ4020-01G AMAZING-AZ4020-01G Datasheet
1Mb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/29
AZ4036-01G AMAZING-AZ4036-01G Datasheet
127Kb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/03/30
AZ4112-01G AMAZING-AZ4112-01G Datasheet
131Kb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/08
AZ4310-01F AMAZING-AZ4310-01F Datasheet
208Kb / 7P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/05/15
AZ4712-01F AMAZING-AZ4712-01F Datasheet
248Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient/Surge Protection
Revision 2017/06/28
AZ4714-01F AMAZING-AZ4714-01F Datasheet
223Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient/Surge Protection
Revision 2017/09/01
AZ9305-01G AMAZING-AZ9305-01G Datasheet
119Kb / 6P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/05/27
AZ9415-01G AMAZING-AZ9415-01G Datasheet
131Kb / 6P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2019/10/04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com