Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ3105-01F Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ3105-01F Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ3105-01F
Download  AZ3105-01F Download
File Size   298.97 Kbytes
Page   5 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD and Surge Protection

AZ3105-01F Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ3105-01F Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ3105-01F
Download  AZ3105-01F Click to download

File Size   298.97 Kbytes
Page   5 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD and Surge Protection

AZ3105-01F Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ3105-01F Product details

Features
 ESD/Surge Protection for 1 Line with
Unidirectional.
 Provide ESD protection for each line to
IEC 61000-4-2 (ESD) ±30kV (air / contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 80A (8/20μs)
 For operating voltage of 5.0V and below
 1.6mm x 1.0mm DFN package saves board
space
 High surge protection
 Fast turn-on and Low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green Part
Applications
 Power Line Protection
 Vbat pin for Mobile Device
 Hand Held Portable Applications
 Battery Protection
 Mobile Phones
Description
AZ3105-01F is a design which includes a
unidirectional ESD rated clamping cell to protect
one power line, or one control line, or one low
speed data line in an electronic systems. The
AZ3105-01F has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage and latch-up caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), Lightning, and Cable
Discharge Event (CDE).
AZ3105-01F is a unique design which
includes proprietary clamping cell in a single
package. During transient conditions, the
proprietary clamping cell prevents over-voltage
on the power line or control/data lines, protecting
any downstream components.
AZ3105-01F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ3105-01F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ3105-04P AMAZING-AZ3105-04P Datasheet
353Kb / 9P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2017/05/11
AZ3105-04P.RDG AMAZING-AZ3105-04P.RDG Datasheet
353Kb / 9P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2017/05/11
More results


Similar Description - AZ3105-01F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1603-01L AMAZING-AZ1603-01L Datasheet
237Kb / 7P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/11
AZ3505-01F AMAZING-AZ3505-01F Datasheet
145Kb / 7P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/12/27
AZ3603-01F AMAZING-AZ3603-01F Datasheet
150Kb / 6P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2018/01/04
AZ4510-01F AMAZING-AZ4510-01F Datasheet
119Kb / 6P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2016/08/05
AZ4514-01F AMAZING-AZ4514-01F Datasheet
156Kb / 7P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2015/09/23
AZ4524-01F AMAZING-AZ4524-01F Datasheet
245Kb / 7P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/03/17
AZ4616-01F AMAZING-AZ4616-01F Datasheet
241Kb / 7P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/11
AZ9313-01F AMAZING-AZ9313-01F Datasheet
118Kb / 6P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2015/12/10
AZ9710-01F AMAZING-AZ9710-01F Datasheet
133Kb / 6P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/15
AZ9720-01F AMAZING-AZ9720-01F Datasheet
244Kb / 7P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/03/07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com