Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ3133-08F Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ3133-08F Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ3133-08F
Download  AZ3133-08F Download
File Size   546.94 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection

AZ3133-08F Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ3133-08F Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ3133-08F
Download  AZ3133-08F Click to download

File Size   546.94 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection

AZ3133-08F Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ3133-08F Product details

Features
 Transient Protection for High-Speed Data
Lines-to-GND and Lines-to-Lines.
 Provide Transient Protection for the Protected
Lines to
IEC 61000-4-2 (ESD) ±30kV (air/contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 45A (8/20μs)
Cable Discharge Event (CDE)
 DFN3020P10E (3.0x2.0mm) Package.
 Specific Pin Out For Easy Board Layout.
 Fast Turn-On and Low Clamping Voltage.
 Low Capacitance for High Speed Interfaces.
 Low Operating Voltage: 3.3V.
 Low Leakage Current
 Solid-State Silicon-Avalanche and Active
Circuit Triggering Technology.
 Green part
Applications
 WAN/LAN Device
 10/100/1000 Ethernet
 LVDS Interfaces
 Switching Systems
 Computers
 Instruments
Description
AZ3133-08F is a design which includes surge
rated diode arrays to protect high speed data
interfaces in an electronic systems. The
AZ3133-08F has been specifically designed to
protect sensitive components which are
connected to data and transmission lines from
over-voltage damage and latch-up caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), Lightning, and Cable
Discharge Event (CDE).
AZ3133-08F is a unique design which includes
surge rated, low capacitance steering diodes and
a unique design of clamping cell which is an
equivalent TVS diode in a single package. During
transient conditions, the steering diodes direct
the transient to either the power line or to the
ground line. The internal unique design of
clamping cell prevents over-voltage on the power
line, protecting any downstream components.
AZ3133-08F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
±15kV air, ±8kV contact discharge).




Similar Part No. - AZ3133-08F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ3133-04F AMAZING-AZ3133-04F Datasheet
496Kb / 7P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2016/12/05
AZ3133-04F.R7G AMAZING-AZ3133-04F.R7G Datasheet
496Kb / 7P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2016/12/05
More results


Similar Description - AZ3133-08F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ3028-04P AMAZING-AZ3028-04P Datasheet
178Kb / 8P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2011/06/19
AZ3028-08P AMAZING-AZ3028-08P Datasheet
194Kb / 8P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2014/12/29
AZ3105-04P AMAZING-AZ3105-04P Datasheet
353Kb / 9P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2017/05/11
AZ3125-08F AMAZING-AZ3125-08F Datasheet
582Kb / 7P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2017/05/11
AZ3128-04P AMAZING-AZ3128-04P Datasheet
210Kb / 8P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2014/03/25
AZ3133-04F AMAZING-AZ3133-04F Datasheet
496Kb / 7P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2016/12/05
AZ3233-02F AMAZING-AZ3233-02F Datasheet
502Kb / 7P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2014/04/16
AZ4020-01G AMAZING-AZ4020-01G Datasheet
1Mb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/29
AZ4036-01G AMAZING-AZ4036-01G Datasheet
127Kb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/03/30
AZ4310-01F AMAZING-AZ4310-01F Datasheet
208Kb / 7P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/05/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com