Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-625002992 Datasheet (PDF) - Molex Electronics Ltd.

ATS-625002992 Datasheet PDF - Molex Electronics Ltd.
Part # ATS-625002992
Download  ATS-625002992 Download
File Size   121.02 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Step-Up Transformer

ATS-625002992 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-625002992 Datasheet PDF - Molex Electronics Ltd.

Part # ATS-625002992
Download  ATS-625002992 Click to download

File Size   121.02 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Step-Up Transformer

ATS-625002992 Datasheet (HTML) - Molex Electronics Ltd.


ATS-625002992 Product details

FEATURES
Allows 240V presses to be operated on standard 115V power.
Input is circuit-breaker protected.
50Hz or 60Hz operation (does not change line frequency)
Input is a standard 3-wire grounded plug (NEMA5-15P) with a 5 ft. (1.5m) cord.
Output is a standard 3-wire grounded receptacle (NEMA6-15R) that is compatible with the press cord.




Similar Part No. - ATS-625002992

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-621000100 MOLEX-ATS-621000100 Datasheet
173Kb / 4P
LFH??Ferrule Crimp Hand Tool
03-12-09
ATS-621000200 MOLEX-ATS-621000200 Datasheet
173Kb / 4P
LFH??Ferrule Crimp Hand Tool
03-12-09
ATS-621000900 MOLEX-ATS-621000900 Datasheet
226Kb / 5P
Micro-D Crimp Hand Tool
12-03-12
ATS-621009800 MOLEX-ATS-621009800 Datasheet
1Mb / 7P
IDT Hand Tool Module
09-20-10
ATS-622004500 MOLEX-ATS-622004500 Datasheet
787Kb / 19P
VHDCI Terminator Press
09-08-17
More results


Similar Description - ATS-625002992

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-920 RHOMBUS-IND-T-920 Datasheet
53Kb / 1P
STEP-UP TRANSFORMER
7/18/97
logo
M/A-COM Technology Solu...
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160_2 Datasheet
101Kb / 3P
4:1 Flux Coupled Step-up Transformer
DS-ETC4-1T-7 MA-COM-DS-ETC4-1T-7 Datasheet
413Kb / 2P
Transmission Line Step-up Transformer
DS-ETK4-2T MA-COM-DS-ETK4-2T Datasheet
343Kb / 2P
Transmission Line Step-up Transformer
DS-MABA-008482-CF1A40_V3 MA-COM-DS-MABA-008482-CF1A40_V3 Datasheet
115Kb / 4P
1:1.78 Step up flux coupled Transformer
MABA-007488-CT9550 MA-COM-MABA-007488-CT9550 Datasheet
261Kb / 3P
9:1 Transmission Line Step-up Transformer
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160 Datasheet
101Kb / 3P
4:1 Flux Coupled Step-up Transformer
MABA-007488-CT9550 MA-COM-MABA-007488-CT9550_15 Datasheet
261Kb / 3P
9:1 Transmission Line Step-up Transformer
MABA-007493-CF4160 MA-COM-MABA-007493-CF4160_15 Datasheet
101Kb / 3P
4:1 Flux Coupled Step-up Transformer
MABA-011062 MA-COM-MABA-011062 Datasheet
834Kb / 6P
1:2 Step up Flux Coupled Balun Transformer
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com