Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-638111000 Datasheet (PDF) - Molex Electronics Ltd.

ATS-638111000 Datasheet PDF - Molex Electronics Ltd.
Part # ATS-638111000
Download  ATS-638111000 Download
File Size   175.74 Kbytes
Page   4 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool Open Barrel Terminals

ATS-638111000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-638111000 Datasheet PDF - Molex Electronics Ltd.

Part # ATS-638111000
Download  ATS-638111000 Click to download

File Size   175.74 Kbytes
Page   4 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool Open Barrel Terminals

ATS-638111000 Datasheet (HTML) - Molex Electronics Ltd.


ATS-638111000 Product details

FEATURES
Ergonomic soft grip handles for comfortable crimping with small handle spread
Accepts material thicknesses of 0.15 to 0.40mm and conductor barrel lengths of 2.00 to 3.50mm
Ideal for field repair and prototyping
Available in custom packaging for customer resale
Available through distribution only




Similar Part No. - ATS-638111000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638111100 MOLEX-ATS-638111100 Datasheet
204Kb / 5P
Hand Crimp Tool for HCS-125 Pin and Socket Crimp Terminal
03-31-10
ATS-638111170 MOLEX-ATS-638111170 Datasheet
281Kb / 5P
Modular Crimp Head for HCS-125 Pin and Socket Crimp Terminal
03-25-10
ATS-638111200 MOLEX-ATS-638111200 Datasheet
145Kb / 5P
Hand Crimp Tool for 2.00mm (.079) Pitch Crimp Terminals
04-15-08
ATS-638111500 MOLEX-ATS-638111500 Datasheet
184Kb / 4P
Hand Crimp Tool for Mini-Fit Sr. ??Crimp Terminals
09-21-16
ATS-638111600 MOLEX-ATS-638111600 Datasheet
163Kb / 4P
Hand Crimp Tool for Mini-Fit Sr.??Crimp Terminals
09-21-16
More results


Similar Description - ATS-638111000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-5300 MOLEX11-63811-5300 Datasheet
42Kb / 1P
Hand Crimp Tool for Crimp Terminals
63811-6700 MOLEX11-63811-6700 Datasheet
37Kb / 1P
Hand Crimp Tool for Crimp Terminals
63819-0100 MOLEX11-63819-0100 Datasheet
45Kb / 1P
Hand Crimp Tool for Crimp Terminals
63819-1000 MOLEX11-63819-1000 Datasheet
42Kb / 1P
Hand Crimp Tool for Crimp Terminals
63819-9500 MOLEX11-63819-9500 Datasheet
38Kb / 1P
Hand Crimp Tool for Crimp Terminals
63823-3300 MOLEX11-63823-3300 Datasheet
32Kb / 1P
Hand Crimp Tool for Crimp Terminals
0638116700 MOLEX-0638116700 Datasheet
34Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
0638115400 MOLEX-0638115400 Datasheet
38Kb / 2P
Hand Crimp Tool for Crimp Terminals
11/02/2021
0638199500 MOLEX-0638199500 Datasheet
40Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
0638253100 MOLEX-0638253100 Datasheet
33Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com