Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-161MTC Datasheet (PDF) - Vishay Siliconix

VS-161MTC Datasheet PDF - Vishay Siliconix
Part # VS-161MTC
Download  VS-161MTC Download
File Size   182.23 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Three Phase Bridge, 160 A (Power Modules)

VS-161MTC Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-161MTC Datasheet PDF - Vishay Siliconix

Part # VS-161MTC
Download  VS-161MTC Click to download

File Size   182.23 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Three Phase Bridge, 160 A (Power Modules)

VS-161MTC Datasheet (HTML) - Vishay Siliconix


VS-161MTC Product details

FEATURES
• Blocking voltage up to 1800 V
• High surge capability
• High thermal conductivity package, electrically
insulated case
• Excellent power volume ratio
• 3600 VRMS isolating voltage
• UL approved file E78996
• Designed for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION
A range of extremely compact, encapsulated three phase
bridge rectifiers offering efficient and reliable operation.
They are intended for use in general purpose and heavy duty
applications.




Similar Part No. - VS-161MTC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-161MT...C VISHAY-VS-161MT...C Datasheet
180Kb / 6P
Three Phase Bridge, 160 A (Power Modules)S
16-Feb-2022
VS-161MT...C VISHAY-VS-161MT...C Datasheet
181Kb / 6P
Three Phase Bridge, 160 A (Power Modules)
16-Feb-2022
VS-161MT...C VISHAY-VS-161MT...C_V01 Datasheet
181Kb / 6P
Three Phase Bridge, 160 A (Power Modules)
16-Feb-2022
More results


Similar Description - VS-161MTC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
130MT80KPBF VISHAY-130MT80KPBF Datasheet
133Kb / 6P
Three Phase Bridge, 130/160 A (Power Modules)
29-Apr-08
130-160MTKPBF VISHAY-130-160MTKPBF Datasheet
164Kb / 8P
Three Phase Bridge, 130/160 A
29-Apr-08
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF Datasheet
223Kb / 8P
Three Phase Bridge, 130 A to 160 A(Power Modules)
10-Jun-14
VS-160MTC VISHAY-VS-160MTC Datasheet
126Kb / 5P
Three Phase Bridge, 160 A (Power Modules)
02-Mar-18
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
Three Phase Bridge, 130 A to 160 A (Power Modules)
17-Aug-17
VS-160MTC VISHAY-VS-160MTC_V01 Datasheet
153Kb / 6P
Three Phase Bridge, 160 A (Power Modules)
02-Mar-18
VS-130-160MT..KPBF VISHAY-VS-130-160MT..KPBF Datasheet
175Kb / 8P
Three Phase Bridge, 130 A to 160 A (Power Modules)
17-Aug-17
VS-161MT...C VISHAY-VS-161MT...C Datasheet
180Kb / 6P
Three Phase Bridge, 160 A (Power Modules)S
16-Feb-2022
VS-130-160MT..KPBF VISHAY-VS-130-160MT..KPBF_V01 Datasheet
176Kb / 8P
Three Phase Bridge, 130 A to 160 A (Power Modules)
17-Aug-17
VS-161MT...C VISHAY-VS-161MT...C_V01 Datasheet
181Kb / 6P
Three Phase Bridge, 160 A (Power Modules)
16-Feb-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com