Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ4107-01F Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ4107-01F Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ4107-01F
Download  AZ4107-01F Download
File Size   147.26 Kbytes
Page   5 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Surge/Transient Protection

AZ4107-01F Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ4107-01F Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ4107-01F
Download  AZ4107-01F Click to download

File Size   147.26 Kbytes
Page   5 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Surge/Transient Protection

AZ4107-01F Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ4107-01F Product details

Features
 ESD Protection for 1 line with Unidirectional
 Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
IEC 61000-4-4 (EFT) ±80A (5/50ns)
IEC 61000-4-5 (Lightning) 12A (8/20ms)
 Suitable for, 7.0V and below, operating
voltage applications
 0402 small DFN package saves board space
 Protect one I/O line or one power line
 Fast turn-on and low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
Applications
 Power Supply Protection
 Power Management
 USB Vbus Protection
 Industrial Application
 Portable Devices
 Hand Held Portable Applications
 Data and I/O lines protection
 Cellular Handsets and Accessories
 Notebooks, desktops, and servers
 Peripherals
Description
AZ4107-01F is a design which includes a
unidirectional ESD rated clamping cell to protect
one power line, or one control line, or one low
speed data line in an electronic system. The
AZ4107-01F has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage caused by Electrostatic
Discharging (ESD), Electrical Fast Transients
(EFT), Lightning, and Cable Discharge Event
(CDE).
AZ4107-01F is a unique design which
includes proprietary clamping cell in a single
package. During transient conditions, the
proprietary clamping cell prevents over-voltage
on the power line or control/data lines, protecting
any downstream components.
AZ4107-01F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ4107-01F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AZ41 PHILIPS-AZ41 Datasheet
65Kb / 3P
HIGH VACUUM FULL WAVE RECTIFYING VALVE
6.6.1953
logo
AMAZING Microelectronic...
AZ4112-01G AMAZING-AZ4112-01G Datasheet
131Kb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/08
AZ4112-01G.R7G AMAZING-AZ4112-01G.R7G Datasheet
131Kb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/08
AZ4115-01F AMAZING-AZ4115-01F Datasheet
107Kb / 6P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/04/25
AZ4115-01F.R7GR AMAZING-AZ4115-01F.R7GR Datasheet
107Kb / 6P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/04/25
More results


Similar Description - AZ4107-01F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ5B85-01B AMAZING-AZ5B85-01B Datasheet
286Kb / 7P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2016/03/16
AZ4008-01G AMAZING-AZ4008-01G Datasheet
1Mb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/08
AZ4020-01G AMAZING-AZ4020-01G Datasheet
1Mb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/29
AZ4036-01G AMAZING-AZ4036-01G Datasheet
127Kb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/03/30
AZ4112-01G AMAZING-AZ4112-01G Datasheet
131Kb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/08
AZ4310-01F AMAZING-AZ4310-01F Datasheet
208Kb / 7P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/05/15
AZ4712-01F AMAZING-AZ4712-01F Datasheet
248Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient/Surge Protection
Revision 2017/06/28
AZ4714-01F AMAZING-AZ4714-01F Datasheet
223Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient/Surge Protection
Revision 2017/09/01
AZ9305-01G AMAZING-AZ9305-01G Datasheet
119Kb / 6P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/05/27
AZ9415-01G AMAZING-AZ9415-01G Datasheet
131Kb / 6P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2019/10/04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com