Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVH082N65S3F Datasheet (PDF) - ON Semiconductor

NVH082N65S3F Datasheet PDF - ON Semiconductor
Part # NVH082N65S3F
Download  NVH082N65S3F Download
File Size   300.33 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m

NVH082N65S3F Datasheet (PDF)

Go To PDF Page Download Datasheet
NVH082N65S3F Datasheet PDF - ON Semiconductor

Part # NVH082N65S3F
Download  NVH082N65S3F Click to download

File Size   300.33 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m

NVH082N65S3F Datasheet (HTML) - ON Semiconductor


NVH082N65S3F Product details

Description
SUPERFET III MOSFET is ON Semiconductor’s brand−new high
voltage super−junction (SJ) MOSFET family that is utilizing charge
balance technology for outstanding low on−resistance and lower gate
charge performance. This advanced technology is tailored to minimize
conduction loss, provide superior switching performance, and
withstand extreme dv/dt rate.
Consequently, SUPERFET III MOSFET is very suitable for the
various power system for miniaturization and higher efficiency.
SUPERFET III FRFET MOSFET’s optimized reverse recovery
performance of body diode can remove additional component and
improve system reliability.

Features
• 700 V @ TJ = 150°C
• Typ. RDS(on) = 64 m
• Ultra Low Gate Charge (Typ. Qg = 81 nC)
• Low Effective Output Capacitance (Typ. Coss(eff.) = 722 pF)
• 100% Avalanche Tested
• AEC−Q101 Qualified and PPAP Capable

Applications
• Automotive On Board Charger HEV−EV
• Automotive DC/DC converter for HEV−EV




Similar Part No. - NVH082N65S3F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVH040N65S3F ONSEMI-NVH040N65S3F Datasheet
277Kb / 11P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
NVH050N65S3F ONSEMI-NVH050N65S3F Datasheet
286Kb / 9P
MOSFET ??Power, N?륝hannel, SUPERFET III, FRFET 650 V, 50 m, 58 A
October, 2020-Rev. 0
More results


Similar Description - NVH082N65S3F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB082N65S3F ONSEMI-NTB082N65S3F Datasheet
350Kb / 10P
MOSFET ??N?륝hannel, SUPERFET III, FRFET 650 V, 40 A, 82 m
August, 2019 ??Rev. 4
NTBL082N65S3HF ONSEMI-NTBL082N65S3HF Datasheet
405Kb / 11P
MOSFET - Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
February, 2021 ??Rev. 0
NTH4L040N65S3F ONSEMI-NTH4L040N65S3F Datasheet
973Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
November, 2019-Rev. 1
NTHL040N65S3F ONSEMI-NTHL040N65S3F Datasheet
518Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
August, 2019-Rev. 7
NTHL082N65S3F ONSEMI-NTHL082N65S3F Datasheet
441Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
July, 2020-Rev. 4
NTP082N65S3F ONSEMI-NTP082N65S3F Datasheet
387Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
August, 2019-Rev. 3
NTPF082N65S3F ONSEMI-NTPF082N65S3F Datasheet
325Kb / 10P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
August, 2019-Rev. 5
NVHL040N65S3HF ONSEMI-NVHL040N65S3HF Datasheet
330Kb / 11P
MOSFET - Power, N-Channel, SUPERFET III, FRFET 650 V, 65 A, 40 m
January, 2021-Rev. P1
NVHL082N65S3F ONSEMI-NVHL082N65S3F Datasheet
384Kb / 11P
MOSFET ??Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
September, 2020-Rev. 2
NVHL082N65S3HF ONSEMI-NVHL082N65S3HF Datasheet
329Kb / 11P
MOSFET - Power, N-Channel, SUPERFET III, FRFET 650 V, 40 A, 82 m
January, 2021 ??Rev. P1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com