Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ5825-01F.R7GR Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ5825-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ5825-01F.R7GR
Download  AZ5825-01F.R7GR Download
File Size   121.92 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device 0402 DFN Pacakge for ESD/Surge Protection

AZ5825-01F.R7GR Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ5825-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ5825-01F.R7GR
Download  AZ5825-01F.R7GR Click to download

File Size   121.92 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device 0402 DFN Pacakge for ESD/Surge Protection

AZ5825-01F.R7GR Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ5825-01F.R7GR Product details

Features
 ESD Protection for 1 line with Bi-directional
 Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 18A (8/20ms)
 For low operating voltage applications: 5.0V
 0402 small DFN package saves board space
 Protect one I/O line or power line
 Fast turn-on and Low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green Part
Applications
 Vbat pin for Mobile Device
 Power Line Protection
 Audio Protection
 Mobile Phones
 Hand Held Portable Applications
Description
AZ5825-01F is a design which includes one
bi-directional surge rated clamping cell to protect
one power line, or one control line, or one low
speed data line in an electronic systems. The
AZ5825-01F has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage and latch-up caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), Lightning, and Cable
Discharge Event (CDE).
AZ5825-01F is a unique design which includes
proprietary clamping cell in a single package.
During transient conditions, the proprietary
clamping cell prevents over-voltage on the power
line or control/data lines, protecting any
downstream components.
AZ5825-01F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ5825-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
AZ5825-01F LEIDITECH-AZ5825-01F Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
Rev : 01.06.2018
More results


Similar Description - AZ5825-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ5H33-01F AMAZING-AZ5H33-01F Datasheet
133Kb / 6P
Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2019/07/22
AZ5525-01F AMAZING-AZ5525-01F Datasheet
207Kb / 7P
Transient Voltage Suppressing Device Tiny Pacakge for ESD/Transient Protection
Revision 2015/02/11
AZ5815-01F AMAZING-AZ5815-01F Datasheet
246Kb / 6P
Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2017/08/28
AZ5845-01F AMAZING-AZ5845-01F Datasheet
155Kb / 7P
Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2019/05/03
AZ5883-01F AMAZING-AZ5883-01F Datasheet
143Kb / 6P
Transient Voltage Suppressing Device 0402 DFN Pacakge for ESD/Surge Protection
Revision 2017/04/25
AZ6118-01F AMAZING-AZ6118-01F Datasheet
152Kb / 6P
Low Voltage Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2017/05/12
AZ6225-01F AMAZING-AZ6225-01F Datasheet
293Kb / 7P
Low Voltage Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2014/12/03
AZ9585-01F AMAZING-AZ9585-01F Datasheet
140Kb / 6P
Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2015/12/04
AZ9625-01F AMAZING-AZ9625-01F Datasheet
124Kb / 6P
Low Voltage Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2015/11/23
AZ9808-01F AMAZING-AZ9808-01F Datasheet
139Kb / 6P
Transient Voltage Suppressing Device 0402 DFN Package for ESD Protection
Revision 2015/11/02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com