Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ6112-01F Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ6112-01F Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ6112-01F
Download  AZ6112-01F Download
File Size   155.17 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection

AZ6112-01F Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ6112-01F Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ6112-01F
Download  AZ6112-01F Click to download

File Size   155.17 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection

AZ6112-01F Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ6112-01F Product details

Features
 ESD Protection for 1 line with Uni-directional
 Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±15kV (air/contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 12A (8/20ms)
 For low operating voltage applications: 1.2V
 Fast turn-on and Ultra-low clamping voltage
 Active circuit triggering technology
 0402 small DFN package saves board space
 Protect one I/O line or one power line
 Green Part
Applications
 Mobiles Phones
 Hand Held Portable Applications
 Computer Interfaces Protection
 Microprocessors Protection
 Serial and Parallel Ports Protection
 Control Signal Lines Protection
 Power lines on PCB Protection
 Latchup Protection
Description
AZ6112-01F is a design which includes one
Uni-directional ESD rated clamping cell to protect
one power line, or one control line, or one low
speed data line in an electronic systems. The
AZ6112-01F has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage and latch-up caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), Lightning, and Cable
Discharge Event (CDE).
AZ6112-01F is a unique design which includes
proprietary clamping cell in a single package.
During transient conditions, the proprietary
clamping cell prevents over-voltage on the power
line or control/data lines, protecting any
downstream components.
AZ6112-01F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge)




Similar Part No. - AZ6112-01F

ManufacturerPart #DatasheetDescription
logo
Eltime Ltd.
AZ611 TEMPATRON-AZ611 Datasheet
76Kb / 1P
DIGITAL TEMPERATURE CONTROLLERS
logo
AMAZING Microelectronic...
AZ6118-01F AMAZING-AZ6118-01F Datasheet
152Kb / 6P
Low Voltage Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2017/05/12
AZ6118-01F.R7GR AMAZING-AZ6118-01F.R7GR Datasheet
152Kb / 6P
Low Voltage Transient Voltage Suppressing Device 0402 DFN Package for ESD/Surge Protection
Revision 2017/05/12
More results


Similar Description - AZ6112-01F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ4A12-01F AMAZING-AZ4A12-01F Datasheet
180Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2016/02/25
AZ4A18-01F AMAZING-AZ4A18-01F Datasheet
244Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/12/29
AZ4A20-01F AMAZING-AZ4A20-01F Datasheet
238Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/12/11
AZ4A24-01F AMAZING-AZ4A24-01F Datasheet
275Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/12/03
AZ5A75-01F AMAZING-AZ5A75-01F Datasheet
162Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2018/03/19
AZ4212-01F AMAZING-AZ4212-01F Datasheet
154Kb / 7P
Transient Voltage Suppressing Device Tiny Package For ESD/Transient Protection
Revision 2014/12/24
AZ4233-01F AMAZING-AZ4233-01F Datasheet
166Kb / 7P
Transient Voltage Suppressing Device Tiny Package For ESD/Transient Protection
Revision 2019/05/31
AZ5123-02F AMAZING-AZ5123-02F Datasheet
225Kb / 7P
Transient Voltage Suppressing Device Tiny Package For ESD/Transient Protection
Revision 2018/03/14
AZ5125-02F AMAZING-AZ5125-02F Datasheet
199Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/04/15
AZ9513-01F AMAZING-AZ9513-01F Datasheet
101Kb / 6P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/07/29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com