Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-SD263CS50L Datasheet (PDF) - Vishay Siliconix

VS-SD263CS50L Datasheet PDF - Vishay Siliconix
Part # VS-SD263CS50L
Download  VS-SD263CS50L Download
File Size   237.31 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Hockey PUK Version), 375 A

VS-SD263CS50L Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-SD263CS50L Datasheet PDF - Vishay Siliconix

Part # VS-SD263CS50L
Download  VS-SD263CS50L Click to download

File Size   237.31 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Hockey PUK Version), 375 A

VS-SD263CS50L Datasheet (HTML) - Vishay Siliconix


VS-SD263CS50L Product details

FEATURES
• High power fast recovery diode series
• 4.5 μs recovery time
• High voltage ratings up to 4500 V
• High current capability
• Optimized turn-on and turn-off characteristics
• Low forward recovery
• Fast and soft reverse recovery
• Press PUK encapsulation
• Case style conform to JEDEC® B-PUK (DO-200AB)
• Maximum junction temperature 125 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
• Snubber diode for GTO
• High voltage freewheeling diode
• Fast recovery rectifier applications




Similar Part No. - VS-SD263CS50L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD263CS50L VISHAY-VS-SD263CS50L Datasheet
258Kb / 8P
Fast Recovery Diodes (Hockey PUK Version), 375 A
04-Apr-14
More results


Similar Description - VS-SD263CS50L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD603C IRF-SD603C Datasheet
202Kb / 8P
FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD263C30S50L VISHAY-SD263C30S50L Datasheet
204Kb / 8P
Fast Recovery Diodes (Hockey PUK Version), 375 A
14-May-08
SD263C30S50L VISHAY-SD263C30S50L_12 Datasheet
217Kb / 9P
Fast Recovery Diodes (Hockey PUK Version), 375 A
14-May-08
VS-SD263CS50L VISHAY-VS-SD263CS50L Datasheet
258Kb / 8P
Fast Recovery Diodes (Hockey PUK Version), 375 A
04-Apr-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com