Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSS8D2M15 Datasheet (PDF) - Vishay Siliconix

VSS8D2M15 Datasheet PDF - Vishay Siliconix
Part # VSS8D2M15_V01
Download  VSS8D2M15 Download
File Size   133.95 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier

VSS8D2M15 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSS8D2M15 Datasheet PDF - Vishay Siliconix

Part # VSS8D2M15_V01
Download  VSS8D2M15 Click to download

File Size   133.95 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier

VSS8D2M15 Datasheet (HTML) - Vishay Siliconix


VSS8D2M15 Product details

FEATURES
• Low-profile package
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3
• Compatible to SOD-128 package case outline
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency inverters, freewheeling, DC/DC
converters, and polarity protection in commercial, industrial,
and automotive applications.

MECHANICAL DATA
Case: SlimSMAW (DO-221AD)
Molding compound meets UL 94 V-0 flammability rating 
Base P/N-M3 - halogen-free, RoHS-compliant
Base P/NHM3 - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 and HM3 suffix meet JESD 201 class 2 whisker test
Polarity: color band denotes cathode end




Similar Part No. - VSS8D2M15_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSS8D2M15-M3/H VISHAY-VSS8D2M15-M3/H Datasheet
133Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
21-Jan-2019
VSS8D2M15-M3/I VISHAY-VSS8D2M15-M3/I Datasheet
133Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
21-Jan-2019
VSS8D2M15HM3/H VISHAY-VSS8D2M15HM3/H Datasheet
133Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
21-Jan-2019
VSS8D2M15HM3/I VISHAY-VSS8D2M15HM3/I Datasheet
133Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
21-Jan-2019
More results


Similar Description - VSS8D2M15_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V3P6 VISHAY-V3P6 Datasheet
82Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
18-Oct-10
V3PAL45 VISHAY-V3PAL45 Datasheet
113Kb / 6P
Surface Mount Trench MOS Barrier Schottky Rectifier
30-Jul-13
V4PAN50 VISHAY-V4PAN50_15 Datasheet
111Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
31-Jul-13
VSSB410S VISHAY-VSSB410S_15 Datasheet
83Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
05-Nov-13
VSSC8L45-M3 VISHAY-VSSC8L45-M3_15 Datasheet
81Kb / 4P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-Mar-14
VSSAF5M12 VISHAY-VSSAF5M12 Datasheet
109Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
VSSAF510 VISHAY-VSSAF510 Datasheet
108Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
VSSAF515 VISHAY-VSSAF515 Datasheet
108Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
VSSAF512 VISHAY-VSSAF512_V01 Datasheet
109Kb / 5P
Surface Mount Trench MOS Barrier Schottky Rectifier
04-May-2018
V20PW22 VISHAY-V20PW22 Datasheet
133Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
09-Jan-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com