Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ9515-02F.R7GR Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ9515-02F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ9515-02F.R7GR
Download  AZ9515-02F.R7GR Download
File Size   170.98 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Ultra-Low Capacitance ESD Protection Array For High Speed I/O Port

AZ9515-02F.R7GR Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ9515-02F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ9515-02F.R7GR
Download  AZ9515-02F.R7GR Click to download

File Size   170.98 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Ultra-Low Capacitance ESD Protection Array For High Speed I/O Port

AZ9515-02F.R7GR Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ9515-02F.R7GR Product details

Features
 ESD protection for 2 high-speed I/O channels
 Provide transient protection for each channel to
IEC 61000-4-2 (ESD) ±18kV (air), ±18kV (contact)
IEC 61000-4-5 (Lightning) 7.5A (8/20s)
 Ultra-low capacitance: 0.8pF typical
 For low operating voltage applications: 5V
 0402 small DFN package saves board space
 Fast turn-on and low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
 AEC-Q101 qualified
Applications
 Automotive applications
 USB 2.0
 High Definition Multi-Media Interface (HDMI)
1.3 and 1.4 version
 Handheld portable applications
 Data and I/O lines protection
 Analog input lines protection
 Video lines protection
 5V operating systems
Description
AZ9515-02F is a design which includes two
uni-directional ESD rated clamping cells to
protect high-speed data interfaces. The
AZ9515-02F has been specifically designed to
protect sensitive components which are
connected to data and transmission lines from
over-voltage caused by Electrostatic Discharging
(ESD), Lightning, and Cable Discharge Event
(CDE).
AZ9515-02F is a unique design which includes
proprietary clamping cells in a small package.
During transient conditions, the proprietary
clamping cells prevent over-voltage on the
control line, data line, or power line, protecting
any downstream components.
AZ9515-02F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(15kV air, 8kV contact discharge).




Similar Part No. - AZ9515-02F.R7GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ951 ETC-AZ951 Datasheet
99Kb / 3P
SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ951 AZETTLER-AZ951 Datasheet
128Kb / 3P
SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ951 ZETTLER-AZ951 Datasheet
47Kb / 2P
SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ951-1C-12DE ETC-AZ951-1C-12DE Datasheet
99Kb / 3P
SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ951-1C-12DE AZETTLER-AZ951-1C-12DE Datasheet
128Kb / 3P
SUBMINIATURE POWER RELAY
More results


Similar Description - AZ9515-02F.R7GR

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1023-02F AMAZING-AZ1023-02F Datasheet
319Kb / 8P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2017/05/15
AZ1043-04F AMAZING-AZ1043-04F Datasheet
401Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2014/11/20
AZ1045-04F AMAZING-AZ1045-04F Datasheet
520Kb / 10P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2013/03/08
AZ1045-04QU AMAZING-AZ1045-04QU Datasheet
386Kb / 10P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2012/11/21
AZ1065-06F AMAZING-AZ1065-06F Datasheet
398Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2012/07/11
AZ1065-06Q AMAZING-AZ1065-06Q Datasheet
313Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2011/06/18
AZ111S-08F AMAZING-AZ111S-08F Datasheet
213Kb / 7P
Ultra-Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2019/01/14
AZ1145-04F AMAZING-AZ1145-04F Datasheet
196Kb / 8P
Ultra-Low Capacitance ESD Protection Array For High-Speed I/O Port
Revision 2021/12/29
AZ1165-06Q AMAZING-AZ1165-06Q Datasheet
297Kb / 7P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2013/06/11
AZ1365-06F AMAZING-AZ1365-06F Datasheet
565Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2019/06/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com