Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ9568-01F.R7GR Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ9568-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ9568-01F.R7GR
Download  AZ9568-01F.R7GR Download
File Size   131.02 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Ultra-Low Capacitance ESD Protection Device For High Speed I/O Port

AZ9568-01F.R7GR Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ9568-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ9568-01F.R7GR
Download  AZ9568-01F.R7GR Click to download

File Size   131.02 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Ultra-Low Capacitance ESD Protection Device For High Speed I/O Port

AZ9568-01F.R7GR Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ9568-01F.R7GR Product details

Features
 ESD protect for one line with bi-directional
 Provide transient protection for the protected
line to
IEC 61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
IEC 61000-4-5 (Lightning) 5A (8/20s)
 Ultra-low capacitance: 0.4pF typical
 0402 small DFN package saves board space
 Protect one I/O line or one power line
 Fast turn-on and low clamping voltage
 Suitable for, 8V and below, operating voltage
applications
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
 AEC-Q101 qualified
Applications
 Automotive applications
 Antenna applications
 USB3.0 / USB2.0
 High Definition Multi-media Interface (HDMI)
 Hand held portable applications
 High speed data interfaces
Description
AZ9568-01F is a design which includes a
bi-directional ESD rated clamping cell to protect
high speed data interfaces in an electronic
systems. The AZ9568-01F has been specifically
designed to protect sensitive components which
are connected to data and transmission lines
from over-voltage caused by Electrostatic
Discharging (ESD) and Lightning.
AZ9568-01F is a unique design which includes
proprietary clamping cells with ultra-low
capacitance in a small package. During transient
conditions, the proprietary clamping cells prevent
over-voltage on the control/data lines, protecting
any downstream components.
AZ9568-01F is bi-directional and may be used on
lines where the signal swings above and below
ground.
AZ9568-01F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(15kV air, 8kV contact discharge).




Similar Part No. - AZ9568-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956-1.5DE ZETTLER-AZ956-1.5DE Datasheet
147Kb / 2P
MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956-1.5DE AZETTLER-AZ956-1.5DE Datasheet
92Kb / 2P
MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956-12DE ZETTLER-AZ956-12DE Datasheet
147Kb / 2P
MICROMINIATURE POLARIZED RELAY
More results


Similar Description - AZ9568-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1023-02F AMAZING-AZ1023-02F Datasheet
319Kb / 8P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2017/05/15
AZ1043-04F AMAZING-AZ1043-04F Datasheet
401Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2014/11/20
AZ1045-04F AMAZING-AZ1045-04F Datasheet
520Kb / 10P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2013/03/08
AZ1045-04QU AMAZING-AZ1045-04QU Datasheet
386Kb / 10P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2012/11/21
AZ1065-06F AMAZING-AZ1065-06F Datasheet
398Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2012/07/11
AZ1065-06Q AMAZING-AZ1065-06Q Datasheet
313Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2011/06/18
AZ111S-08F AMAZING-AZ111S-08F Datasheet
213Kb / 7P
Ultra-Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2019/01/14
AZ1145-04F AMAZING-AZ1145-04F Datasheet
196Kb / 8P
Ultra-Low Capacitance ESD Protection Array For High-Speed I/O Port
Revision 2021/12/29
AZ1165-06Q AMAZING-AZ1165-06Q Datasheet
297Kb / 7P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2013/06/11
AZ1365-06F AMAZING-AZ1365-06F Datasheet
565Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2019/06/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com