Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5668X Datasheet (PDF) - NXP Semiconductors

MPC5668X Datasheet PDF - NXP Semiconductors
Part # MPC5668X
Download  MPC5668X Download
File Size   1915.47 Kbytes
Page   66 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC5668x Microcontroller

MPC5668X Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC5668X Datasheet PDF - NXP Semiconductors

Part # MPC5668X
Download  MPC5668X Click to download

File Size   1915.47 Kbytes
Page   66 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC5668x Microcontroller

MPC5668X Datasheet (HTML) - NXP Semiconductors


MPC5668X Product details

MPC5668x features:
• 32-bit CPU core complex (e200z650)
– Compliant with Power Architecture embedded category
– 32 KB unified cache with line locking and eight-entry
store buffer16
– Execution speed static to 116 MHz
• 32-bit I/O processor (e200z0)
– Execution speed static to 1/2 CPU core speed (58 MHz)
• 2 MB on-chip flash
– Supports read during program and erase operations, and
multiple blocks allowing EEPROM emulation
• 512 KB + 80 KB (592 KB) on-chip ECC SRAM
(MPC5668G)
• 128 KB on-chip ECC SRAM (MPC5668E)
• 16-entry Memory Protection Unit (MPC5668E only)
• Direct memory access controller
– 16-channel on MPC5668G
– 32-channel on MPC5668E
• Fast ethernet controller
– Supports 10-Mbps and 100-Mbps IEEE 802.3 MII,
10-Mbps 7-wire interface
– IEEE 802.3 MAC (compliant with IEEE 802.3 1998
edition)
• Media Local Bus (MLB) interface (MPC5668G only)
– Supports 16 logical channels, max speed 1024 Fs
• Interrupt controller (INTC) supports 316 external interrupt
vectors (22 are reserved)
• System clocks
– Frequency-modulated phase-locked loop (FMPLL)
– 4 – 40 MHz crystal oscillator (XTAL)
– 32 kHz crystal oscillator (XTAL)
– Dedicated 16 MHz and 128 kHz internal RC oscillators
• Analog to Digital Converter (ADC) module
– 10-bit A/D resolution
– 32 external channels
– 36 internal channels (MPC5668G)
– 64 internal channels (MPC5668E)
• Cross-Triggering Unit (MPC5668E only)
– Internal conversion triggering for ADC
– Triggerable by internal timers or eMIOS200
• Deserial Serial Peripheral Interface (DSPI)
– Four individual DSPI modules
– Full duplex, synchronous transfers
– Master or slave operation
• Inter-IC communication (I2C) interface
– Four individual I2C modules
– Multi-master operation
• Serial Communication Interface (eSCI) module
– Two-channel DMA interface
– Configurable as LIN bus master
• eMIOS200 timed input/output
– 24 channels, 16-bit timers (MPC5668G)
– 32 channels, 16-bit timers (MPC5668E)
• Controller Area Network (FlexCAN) module
– Compliant with CAN protocol specification, Version
2.0B active
– 64 mailboxes, each configurable as transmit or receive
• Dual-channel FlexRay controller
– Full implementation of FlexRay Protocol Specification
2.1, RevA
– 128 message buffers
• JTAG controller (MPC5668G only)
– Compliant with the IEEE 1149.1-2001
• Nexus Development Interface (NDI)
– Available in 256 MAPBGA package only
– Compliant with IEEE-ISTO 5001-2003
– Nexus class 3 development support on e200z650
– Nexus class 2+ development support on e200z0
• Internal voltage regulator allows operation from single 3.3 V or 5 V supply




Similar Part No. - MPC5668X

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5668X FREESCALE-MPC5668X Datasheet
2Mb / 66P
MPC5668x Microcontroller Data Sheet
MPC5668X FREESCALE-MPC5668X Datasheet
600Kb / 66P
MPC5668x Microcontroller Data Sheet
MPC5668X FREESCALE-MPC5668X_11 Datasheet
600Kb / 66P
MPC5668x Microcontroller Data Sheet
More results


Similar Description - MPC5668X

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Freescale Semiconductor...
MPC5668X FREESCALE-MPC5668X Datasheet
2Mb / 66P
MPC5668x Microcontroller Data Sheet
MPC5668X FREESCALE-MPC5668X_11 Datasheet
600Kb / 66P
MPC5668x Microcontroller Data Sheet
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
logo
Freescale Semiconductor...
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
logo
Texas Instruments
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com